Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33989D Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC33989D
Description  System Basis Chip With High Speed CAN Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33989D Datasheet(HTML) 2 Page - Motorola, Inc

  MC33989D Datasheet HTML 1Page - Motorola, Inc MC33989D Datasheet HTML 2Page - Motorola, Inc MC33989D Datasheet HTML 3Page - Motorola, Inc MC33989D Datasheet HTML 4Page - Motorola, Inc MC33989D Datasheet HTML 5Page - Motorola, Inc MC33989D Datasheet HTML 6Page - Motorola, Inc MC33989D Datasheet HTML 7Page - Motorola, Inc MC33989D Datasheet HTML 8Page - Motorola, Inc MC33989D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
MC33989
2
MC33989
note 1: gnd pins 6, 7, 8, 9, 20, 21, 22, 23
Figure 1. : Transient test pulse for L0, L1, L2 and L3 inputs
1
MAXIMUM RATINGS
Ratings
Symbol
Min
Typ
Max
Unit
ELECTRICAL RATINGS
Supply Voltage at Vsup
- Continuous voltage
- Transient voltage (Load dump)
Vsup
Vsup
-0.3
27
40
V
Logic Inputs (Rx, Tx, MOSI, MISO, CSB, SCLK,
Reset, WDOGB, INTB)
Vlog
- 0.3
Vdd1+0.3
V
Output current Vdd1
I
Internally limited
A
HS1
- voltage
- output current
V
I
-0.3
Internally limited
Vsup+0.3
V
A
ESD voltage (HBM 100pF, 1.5k)
- HS1, L0, L1, L2, L3
- All other pins
Vesdh
-4
-2
4
2
kV
ESD voltage (Machine Model) All pins except
CANH and CANL
Vesdm
-200
200
V
L0, L1,L2, L3
- DC Input voltage
- DC Input current
- Transient input voltage (according to ISO7637
specification) and with external component (see fig-
ure 1 below).
Vwu DC
-0.3
-2
-100
40
2
+100
V
mA
V
THERMAL RATINGS
Junction Temperature
Tj
- 40
+150
°C
Storage Temperature
Ts
- 55
+165
°C
Ambient Temperature (for info only)
Ta
- 40
+125
°C
Thermal resistance junction to gnd pins (note 1)
Rthj/p
20
°C/W
Lx
Transient Pulse
Gnd
Gnd
Generator
1nF
note: Waveform in accordance to ISO7637 part1, test pulses 1, 2, 3a and 3b.
(note)
10 k
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33989D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33989DW FREESCALE-MC33989DW Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
MC33989DWR2 FREESCALE-MC33989DWR2 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
More results

Similar Description - MC33989D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
logo
Freescale Semiconductor...
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
NXP Semiconductors
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
NXP Semiconductors
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com