Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY73100-11 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SKY73100-11
Description  865-960 MHz High Performance VCO/Synthesizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73100-11 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SKY73100-11_09 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY73100-11_09 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY73100-11_09 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY73100-11_09 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY73100-11_09 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73100-11_09 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73100-11_09 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73100-11_09 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73100-11_09 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DATA SHEET • SKY73100-11 VCO/SYNTHESIZER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200361B • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • April 15, 2009
5
Table 4. Load Register Word 0 (Programs the Operation Mode Register) (1 of 2)
Parameter
Function
State Description
Recommended
Operational Value
(Binary)
wd_0, wd_1
Address bits [1:0]. Must be set to 00b (see
Table 3)
00
cp_output
Charge pump setting [4:2]
Bits [4:2]:
0 0 0 = 200
µA
0 0 1 = 400
µA
0 1 0 = 600
µA
0 1 1 = 800
µA
1 0 0 = 1000
µA
1 0 1 = 1200
µA
1 1 0 = 1400
µA
1 1 1 = 1600
µA
Application
dependent
cp_delay
Charge pump delay [6:5]
Bits [6:5]:
0 0 = 2 nsec
0 1 = 4 nsec
1 0 = 7 nsec
1 1 = 9 nsec
NOTE: this device is fixed at 2 nsec.
00
pd_polar
Polarity of phase detector [7]
Bit [7]:
0 = Negative
1 = Positive
NOTE: this device is fixed at negative polarity.
0
cp_tristate
Tri-state selection for the transmit PLL
charge pump output [8]
Bit [8]:
0 = Charge pump in normal functional mode
1 = Charge pump disabled/tri-stated
0
rsvd
Reserved [9]
Reserved
0
sd_sel
Internal operating voltage control bit for
Σ∆
synthesizer [10]
Note: this bit needs to be programmed
together with bits [11] and [12].
Bit [12] Bit [11] Bit [10]: N-Cntr/R1-Divider
ΣΔ Mod
Voltage
Voltage
0
X
X
=
0 V
0 V
1
0
0
=
1.8 V
1.8 V
1
0
1
=
1.8 V
2.4 V
1
1
0
=
2.4 V
1.8 V
1
1
1
=
2.4 V
2.4 V
100
nr_sel
Internal operating voltage control bit for N-
counter and R1 divider [11]
See sd_sel parameter (bit [10])
This bit needs to be programmed together with bits [10] and [12].
pll_en
Internal operating voltage control bit for PLL
[12]
See sd_sel parameter (bit [10])
This bit needs to be programmed together with bits [10] and [11].
ref_bw_sel
Reference buffer bandwidth [14:13]
Bits [14:13]:
0 0 = 20 MHz
0 1 = 30 MHz
1 0 = 40 MHz
1 1 = 50 MHz
11


Similar Part No. - SKY73100-11_09

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73100-11 SKYWORKS-SKY73100-11 Datasheet
157Kb / 13P
   865-960 MHz High Performance VCO/Synthesizer With Integrated Switch
More results

Similar Description - SKY73100-11_09

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73100 SKYWORKS-SKY73100 Datasheet
157Kb / 13P
   865-960 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73126-31 SKYWORKS-SKY73126-31 Datasheet
273Kb / 14P
   161.92 MHz High Performance VCO/Synthesizer
SKY73112 SKYWORKS-SKY73112 Datasheet
154Kb / 13P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73101 SKYWORKS-SKY73101 Datasheet
158Kb / 13P
   1800-1990 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73121-11 SKYWORKS-SKY73121-11 Datasheet
265Kb / 22P
   1805 - 1890 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73103-11 SKYWORKS-SKY73103-11_09 Datasheet
244Kb / 22P
   1460-1665 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY72300-362 SKYWORKS-SKY72300-362 Datasheet
179Kb / 13P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73103 SKYWORKS-SKY73103 Datasheet
172Kb / 18P
   1460-1665 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73112-11 SKYWORKS-SKY73112-11_09 Datasheet
274Kb / 22P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com