Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD15011BUA Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD15011BUA
Description  1.50 inch Single Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD15011BUA Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD15011BUA Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD15011BUA Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD15011BUA Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121741
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.50 inch Single Digit 7 Segment LED Display
Internal Circuit Diagram
LD15011A (Common Cathode)
LD15011B (Common Anode)
7
A
B
64
C
10
3
2
D
E
9
FG
1,5
8
DP
C
B
A
7
6
4
10
G
F
E
D
3
2
9
1,5
DP
8
Selection Guide
Single Digit 7 Segment LED Display, Digit Height: 38.10mm(1.5inch), External Dimensions:
30.60x44.00x8.0mm (L x W x H )
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD15011AR
LD15011BR
GaAlAs
Super Red
640
12
15
8
10
LD15011AD
LD15011BD
GaAlAs
Hi-Red
640
27
37.5
18
25
LD15011AO
LD15011BO
GaAsP
Orange
625
10.5
13.5
7
9
LD15011AY
LD15011BY
GaAsP
Yellow
588
12
15
8
10
LD15011AG
LD15011BG
GaP
Green
568
10.5
13.5
7
9
LD15011AUR
LD15011BUR
AlGaInP
Ultra Red
640
45
67.5
30
45
LD15011AUO
LD15011BUO
AlGaInP
Ultra Orange
625
67.5
90
45
60
LD15011AUA
LD15011BUA
AlGaInP
Ultra Amber
605
45
67.5
30
45
LD15011AUY
LD15011BUY
AlGaInP
Ultra Yellow
595
45
67.5
30
45
LD15011AUG
LD15011BUG
AlGaInP
Ultra Green
573
45
67.5
30
45
LD15011APG
LD15011BPG
InGaN
Pure Green
525
180
450
120
300
LD15011AUB
LD15011BUB
InGaN
Ultra Blue
470
45
67.5
30
45
LD15011AUW
LD15011BUW
SMD
Ultra White
\
150
180
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD15011BUA

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD15011BURUG LIGHTKEY-LD15011BURUG Datasheet
100Kb / 3P
   1.50 inch Single Digit 7 Segment Dual-color LED Display
More results

Similar Description - LD15011BUA

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD15011ABRG LIGHTKEY-LD15011ABRG Datasheet
100Kb / 3P
   1.50 inch Single Digit 7 Segment Dual-color LED Display
LD23011AB LIGHTKEY-LD23011AB Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016AB LIGHTKEY-LD10016AB Datasheet
156Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD6011AB LIGHTKEY-LD6011AB Datasheet
160Kb / 3P
   0.60 inch Single Digit 7 Segment LED Display
LD30012IJ LIGHTKEY-LD30012IJ Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD10016CD LIGHTKEY-LD10016CD Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD5022AB LIGHTKEY-LD5022AB Datasheet
171Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD12011ABRG LIGHTKEY-LD12011ABRG Datasheet
92Kb / 3P
   1.20 inch Single Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com