Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEA204480BT-3019B2 Datasheet(PDF) 4 Page - TDK Electronics

Part # DEA204480BT-3019B2
Description  Multilayer Band Pass Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DEA204480BT-3019B2 Datasheet(HTML) 4 Page - TDK Electronics

  DEA204480BT-3019B2 Datasheet HTML 1Page - TDK Electronics DEA204480BT-3019B2 Datasheet HTML 2Page - TDK Electronics DEA204480BT-3019B2 Datasheet HTML 3Page - TDK Electronics DEA204480BT-3019B2 Datasheet HTML 4Page - TDK Electronics DEA204480BT-3019B2 Datasheet HTML 5Page - TDK Electronics DEA204480BT-3019B2 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150601 / rf_bpf_dea204480bt-3019b2_en.fm
20150601 / rf_bpf_dea204480bt-3019b2_en.fm
DEA204480BT-3019B2
FREQUENCY CHARACTERISTICS
INSERTION LOSS
ATTENUATION
VSWR
GROUP DELAY
5.0
3.0
1.0
1.5
0.5
2.0
2.5
4.0
3.5
4.5
0.0
3500
5500
4000
4500
5000
Frequency(MHz)
20
10
0
70
60
50
40
30
500
9500
8500
1500
2500
4500
3500
5500
6500
7500
Frequency(MHz)
3000
6000
5000
5500
3500
4000
4500
5.0
3.0
1.0
2.0
4.0
Frequency(MHz)
1.6
1.8
2.0
0.0
0.4
0.2
0.6
0.8
1.0
1.4
1.2
4000
5000
4200
4400
4800
4600
Frequency(MHz)


Similar Part No. - DEA204480BT-3019B2

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA200710LT-1238A1 TDK-DEA200710LT-1238A1 Datasheet
72Kb / 6P
   Multilayer Low Pass Filter
DEA202450BT-1213C1 TDK-DEA202450BT-1213C1 Datasheet
81Kb / 6P
   Multilayer Band Pass Filter
DEA202450BT-1261A2 TDK-DEA202450BT-1261A2 Datasheet
74Kb / 6P
   Multilayer Band Pass Filter
DEA202450BT-1275A1 TDK-DEA202450BT-1275A1 Datasheet
71Kb / 6P
   Multilayer Band Pass Filter
DEA202450BT-1283A2 TDK-DEA202450BT-1283A2 Datasheet
71Kb / 6P
   Multilayer Band Pass Filter
More results

Similar Description - DEA204480BT-3019B2

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA252400BT-2030A1 TDK-DEA252400BT-2030A1_16 Datasheet
72Kb / 6P
   Multilayer Band Pass Filter
DEA252450BT-2031A1 TDK-DEA252450BT-2031A1_16 Datasheet
72Kb / 6P
   Multilayer Band Pass Filter
DEA252450BT-2063C1 TDK-DEA252450BT-2063C1_16 Datasheet
74Kb / 6P
   Multilayer Band Pass Filter
DEA255787BT-2044A1 TDK-DEA255787BT-2044A1 Datasheet
76Kb / 6P
   Multilayer Band Pass Filter
DEA202450BT-1283A2 TDK-DEA202450BT-1283A2 Datasheet
71Kb / 6P
   Multilayer Band Pass Filter
DEA202450BT-2114F1 TDK-DEA202450BT-2114F1 Datasheet
72Kb / 6P
   Multilayer Band Pass Filter
DEA202450BT-3201B2 TDK-DEA202450BT-3201B2 Datasheet
75Kb / 6P
   Multilayer Band Pass Filter
DEA162450BT-1298A1 TDK-DEA162450BT-1298A1 Datasheet
77Kb / 7P
   Multilayer Band Pass Filter
DEA162450BT-2096A1-H TDK-DEA162450BT-2096A1-H Datasheet
74Kb / 6P
   Multilayer Band Pass Filter
DEA252450BT-2080B2 TDK-DEA252450BT-2080B2_16 Datasheet
75Kb / 6P
   Multilayer Band Pass Filter
DEA105425BT-1293A1 TDK-DEA105425BT-1293A1 Datasheet
70Kb / 6P
   Multilayer Band Pass Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com