Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC412AJE Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC412AJE
Description  Dual Wideband Video Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC412AJE Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CLC412AJE Datasheet HTML 3Page - National Semiconductor (TI) CLC412AJE Datasheet HTML 4Page - National Semiconductor (TI) CLC412AJE Datasheet HTML 5Page - National Semiconductor (TI) CLC412AJE Datasheet HTML 6Page - National Semiconductor (TI) CLC412AJE Datasheet HTML 7Page - National Semiconductor (TI) CLC412AJE Datasheet HTML 8Page - National Semiconductor (TI) CLC412AJE Datasheet HTML 9Page - National Semiconductor (TI) CLC412AJE Datasheet HTML 10Page - National Semiconductor (TI) CLC412AJE Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
controlled as shown in Typical Performance plot labeled
“Small-Signal Channel Matching”. The measurements
were performed with SMT components using the
recommended value of feedback resistor of 634
Ω at a
gain of +2V/V. The pulse response plot labeled "Pulse
Matching" found below shows the group delay matching
between amplifiers of the CLC412. The circuit topology
is described in Figure 3.
The CLC412's amplifiers, built on the same die, provide
the advantage of having tightly matched DC
characteristics. The typical DC matching specifications
of the CLC412 are:
∆Vio = ±0.60mV, ∆Ibn = ±0.25µA, ∆Ibi = ±1.5µA.
Slew Rate and Settling Time
One of the advantages of current-feedback topology is
an inherently high slew rate which produces a wider full-
power bandwidth. The CLC412 has a typical slew rate of
1300V/
µs. The required slew rate for a design can be
calculated by the following equation: SR=2
πfV
pk
Careful attention to parasitic capacitances is critical to
achieving the best settling time performance. The CLC412
has a typical short term settling time to 0.05% of 12ns
for a 2 volt step. Also, the amplifier is virtually free of any
long term thermal tail effects at low gains as shown in
the Typical Performance plot labeled “Long Term
Settling Time”.
When measuring settling time, a solid ground plane
should be used in order to reduce ground inductance
which can cause common-ground-impedance coupling.
Power supply and ground trace parasitic capacitances
and the load capacitance will also affect settling time.
Placing a series resistor (Rs) at the output pin is
recommended for optimal settling time performance when
driving a capacitive load. The Typical Performance plot
labeled “Rs and Settling Time vs. Capacitive Load”
provides a means for selecting a value of Rs for a given
capacitive load. The plot also shows the resulting settling
time to 0.05 and 0.01%.
DC & Noise Performance
A current-feedback amplifier’s input stage does not have
equal nor correlated bias currents, therefore they cannot
be canceled and each contributes to the total DC offset
voltage at the output by the following equation:
The input resistor Rin is the resistance looking from the
non-inverting input back towards the source. For inverting
DC-offset calculations, the source resistance seen by
the input resistor Rg must be included in the output offset
calculation as a part of the non-inverting gain equation.
Application note OA-7 gives several circuits for DC offset
correction. The noise currents for the inverting and non-
inverting inputs are graphed in the Typical Performance
plot labeled “Equivalent Input Noise”. A more complete
discussion of amplifier input-referred noise and external
resistor noise contribution can be found in OA-12.
Differential Gain & Phase
The CLC412 can drive multiple video loads with very low
differential gain and phase errors. The Typical
Performance plots labeled “Differential Gain vs.
Frequency” and "Differential Phase vs. Frequency" show
performance for loads from 1 to 4. The Electrical
Characteristics table also specifies guaranteed
performance for one 150
Ω load at 4.43MHz. For NTSC
video, the guaranteed performance specifications also
apply. Application note OA-08, “Differential Gain and
Phase for Composite Video Systems,” describes in detail
the techniques used to measure differential gain and
phase.
I/O Voltage & Output Current
The usable common-mode input voltage range (CMIR)
of the CLC412 specified in the Electrical Characteristics
table of the data sheet shows a range of ±2.2 volts.
Exceeding this range will cause the input stage to saturate
and clip the output signal.
The output voltage range is determined by the load
resistor and the choice of power supplies. With ±5 volts
the class A/B output driver will typically drive +3.1/-2.7
volts into a load resistance of 100
Ω. Increasing the
supply voltages will change the common-mode input and
output voltage swings while at the same time increase
the internal junction temperature. The output voltage for
different load resistors can be determined from the data
sheet plots labeled “Frequency Response vs. Load (RL)"
and “Maximum Output Swing vs. Frequency".
Applications Circuits
Single-to-Differential Line Driver.
The CLC412's well matched AC channel-response allows
a single-ended input to be transformed to highly-matched
push-pull driver. From a 1V single-ended input the circuit
of Figure 4 produces 1V differential signal between the
two outputs. For larger signals, the input voltage divider
(R1=2R2) is necessary to limit the input voltage on channel
2. To achieve the same performance when driving a
matched load, see Figure 3.
VI
R
R
R
V
R
R
IR
offset
bn
s
f
g
io
f
g
bi
f
+

 ++

 +∗
11
7
http://www.national.com


Similar Part No. - CLC412AJE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
More results

Similar Description - CLC412AJE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
AD828 AD-AD828_02 Datasheet
448Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828 AD-AD828_15 Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828ARZ AD-AD828ARZ Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com