Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1694FG8M1000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1694FG8M1000
Description  19 AWG stranded (7x27) bare copper conductor, gas-injected foam HDPE insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1694FG8M1000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1694FG8M1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1694FG8M1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1694FG8M1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1694FG8M1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For more Information
please call
1-800-Belden1
Description:
19 AWG stranded (7x27) bare copper conductor, gas-injected foam HDPE insulation, double tinned copper
braid shield (98% coverage), PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Coax AWG Stranding Conductor Material Dia. (in.)
1
19
7x27
BC - Bare Copper
.040
Insulation
Insulation Material:
Insulation Material
Dia. (in.)
Gas-injected FHDPE - Foam High Density Polyethylene .180
Outer Shield
Outer Shield Material:
Layer # Type Outer Shield Material Coverage (%)
1
Braid TC - Tinned Copper
93.000
2
Braid TC - Tinned Copper
94.000
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Overall Cabling
Overall Nominal Diameter:
0.276 in.
Mechanical Characteristics (Overall)
Operating Temperature Range:
-30°C To +75°C
UL Temperature Rating:
75°C
Bulk Cable Weight:
50 lbs/1000 ft.
Max. Recommended Pulling Tension:
82 lbs.
Min. Bend Radius (Install)/Minor Axis:
2.750 in.
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMR
CEC/C(UL) Specification:
CMG
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
Page 1 of 4
06-23-2009
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
1694F Coax - Low Loss Serial Digital Caox


Similar Part No. - 1694FG8M1000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1694F BELDEN-1694F Datasheet
158Kb / 3P
   75 Ohm SDI Coax, RG-6, 19 AWG Str BC, Double 95% TC Braid, PVC Jkt,CM, Flexible
07-03-2023
1694F-B591000 BELDEN-1694F-B591000 Datasheet
158Kb / 3P
   75 Ohm SDI Coax, RG-6, 19 AWG Str BC, Double 95% TC Braid, PVC Jkt,CM, Flexible
07-03-2023
1694F-B595000 BELDEN-1694F-B595000 Datasheet
158Kb / 3P
   75 Ohm SDI Coax, RG-6, 19 AWG Str BC, Double 95% TC Braid, PVC Jkt,CM, Flexible
07-03-2023
1694F-B59N1000 BELDEN-1694F-B59N1000 Datasheet
158Kb / 3P
   75 Ohm SDI Coax, RG-6, 19 AWG Str BC, Double 95% TC Braid, PVC Jkt,CM, Flexible
07-03-2023
1694F-G7V1000 BELDEN-1694F-G7V1000 Datasheet
158Kb / 3P
   75 Ohm SDI Coax, RG-6, 19 AWG Str BC, Double 95% TC Braid, PVC Jkt,CM, Flexible
07-03-2023
More results

Similar Description - 1694FG8M1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1865A ETC2-1865A Datasheet
32Kb / 4P
   25 AWG stranded (19x37) .021 bare copper conductor, gas-injected foam HDPE insulation
1694SB ETC2-1694SB Datasheet
105Kb / 3P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1347210 ETC2-1347210 Datasheet
104Kb / 4P
   23 AWG solid .023 bare copper conductor, gas-injected foam HDPE insulation
1345383 ETC2-1345383 Datasheet
105Kb / 4P
   20 AWG solid .032 bare copper conductor, gas-injected foam HDPE insulation
1349791 ETC2-1349791 Datasheet
102Kb / 4P
   10 AWG solid .103 bare copper conductor, gas-injected foam HDPE insulation
31375 ETC2-31375 Datasheet
31Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1351779 ETC2-1351779 Datasheet
102Kb / 3P
   RG-58 type, 19 AWG solid .037 bare copper conductor, gas-injected foam HDPE insulation
9913F7 ETC2-9913F7 Datasheet
100Kb / 3P
   RG-8/U type, 10 AWG stranded (7x19) .108 bare copper conductor, gas-injected foam HDPE insulation
1505F ETC2-1505F Datasheet
32Kb / 4P
   22 AWG stranded (7x29) .031" bare compacted copper conductor, gas-injected foam HDPE insulation, tinned copper double braid shield
7807A ETC2-7807A Datasheet
102Kb / 3P
   RG-58 type, 17 AWG solid .044 bare copper conductor, gas-injected foam HDPE insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com