Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBFE-045U192-00 Datasheet(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

Part # DBFE-045U192-00
Description  0-10V Dimmable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

DBFE-045U192-00 Datasheet(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  DBFE-045U192-00 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. DBFE-045U192-00 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. DBFE-045U192-00 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. DBFE-045U192-00 Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. DBFE-045U192-00 Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
0-10V Dimmable
Constant Current Mode
45-DBFE Series
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
*REFERENCE: www.linkcom.com.tw
DIMENSIONS
Tc Max.
DBFE-045U192 as Tc Max.
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Similar Part No. - DBFE-045U192-00

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
DBFE-040U351 LINKCOM-DBFE-040U351 Datasheet
501Kb / 6P
   40W 0-10V Dimmable
DBFE-040U501 LINKCOM-DBFE-040U501 Datasheet
501Kb / 6P
   40W 0-10V Dimmable
DBFE-040U701 LINKCOM-DBFE-040U701 Datasheet
501Kb / 6P
   40W 0-10V Dimmable
More results

Similar Description - DBFE-045U192-00

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
100W-DBFE LINKCOM-100W-DBFE Datasheet
530Kb / 5P
   0-10V Dimmable
25W-DBFE LINKCOM-25W-DBFE Datasheet
462Kb / 5P
   0-10V Dimmable
45W-DBFN LINKCOM-45W-DBFN Datasheet
516Kb / 3P
   0-10V Dimmable
60W-DBFE LINKCOM-60W-DBFE Datasheet
472Kb / 5P
   0-10V Dimmable
40-DBFE LINKCOM-40-DBFE Datasheet
501Kb / 6P
   40W 0-10V Dimmable
logo
Dialog Semiconductor
IW3631 DIALOG-IW3631 Datasheet
381Kb / 7P
   Two-Stage, Flickerless??0-10V Dimmable Digital
logo
Phihong USA Inc.
PDA060W-700B PHIHONG-PDA060W-700B Datasheet
216Kb / 4P
   60W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA040W-700B PHIHONG-PDA040W-700B Datasheet
264Kb / 4P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA041W-700B PHIHONG-PDA041W-700B Datasheet
218Kb / 5P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
logo
Infineon Technologies A...
CDM10V-3 INFINEON-CDM10V-3 Datasheet
570Kb / 11P
   0-10V Dimming Solution
V1.0 2017-07-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com