Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCCE-045U192-00 Datasheet(PDF) 3 Page - LinkCom Manufacturing Co., Ltd.

Part # LCCE-045U192-00
Description  45W Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCE-045U192-00 Datasheet(HTML) 3 Page - LinkCom Manufacturing Co., Ltd.

  LCCE-045U192-00 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCE-045U192-00 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. LCCE-045U192-00 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Output Current vs. Load(LCCE-045U112-00)
PF vs. Load(LCCE-045U112-00)
Efficiency vs. Load(LCCE-045U112-00)
1.060
1.080
1.100
1.120
1.140
1.160
75%
80%
85%
90%
95%
100%
105%
Load(%)
Output Current vs. Load
Vin=100
Vin=120
Vin=200
Vin=230
Vin=277
80.0%
82.0%
84.0%
86.0%
88.0%
90.0%
75%
80%
85%
90%
95%
100%
105%
Load(%)
Efficiency vs. Load
Vin=100
Vin=120
Vin=200
Vin=230
Vin=277
0.80
0.85
0.90
0.95
1.00
75%
80%
85%
90%
95%
100%
105%
Load(%)
PF vs. Load
Vin=100
Vin=120
Vin=200
Vin=230
Vin=277
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Similar Part No. - LCCE-045U192-00

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCCE-045U192 LINKCOM-LCCE-045U192 Datasheet
532Kb / 4P
   Power Supply
More results

Similar Description - LCCE-045U192-00

ManufacturerPart #DatasheetDescription
logo
ETA-USA
VTB21-FWC12 ETA-USA-VTB21-FWC12 Datasheet
6Mb / 3P
   45W Isolated Power Supply
VTB-FWC ETA-USA-VTB-FWC Datasheet
6Mb / 3P
   45W Isolated Power Supply
logo
Sanyo Semicon Device
STK4182II SANYO-STK4182II Datasheet
252Kb / 8P
   AF Power Amplifier (Split Power Supply) (45W 45W min, THD = 0.4%)
logo
Astrodyne Corporation
PD45 ASTRODYNE-PD45 Datasheet
331Kb / 4P
   45W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PT-45 MEANWELL-PT-45 Datasheet
340Kb / 2P
   45W Triple Output Switching Power Supply
PD-45 MEANWELL-PD-45 Datasheet
338Kb / 2P
   45W Dual Output Switching Power Supply
PLN-45-12 MEANWELL-PLN-45-12 Datasheet
190Kb / 2P
   45W Single Output LED Power Supply
logo
RSG Electronic Componen...
PD-45 RSG-PD-45 Datasheet
197Kb / 2P
   45W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PLC-45 MEANWELL-PLC-45 Datasheet
144Kb / 3P
   45W Single Output LED Power Supply
PT-45_1109 MEANWELL-PT-45_1109 Datasheet
343Kb / 2P
   45W Triple Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com