Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCCE-045U152-00 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # LCCE-045U152-00
Description  45W Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCE-045U152-00 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LCCE-045U152-00 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCE-045U152-00 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. LCCE-045U152-00 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(4) Specified for free-air convection cooling.
(5) Minimum load is NOT required for proper operation .
(6) 100% Production Tested.
*REFERENCE: www.linkcom.com.tw
*Please contact sales@linkcom.com.tw, sales@linkcomusa.com for more information
EMI
FCC Part15 / EN55015
WITHSTAND VOLTAGE
I/P-O/P: 4.242 kVdc I/P-FG: 2.5 kVdc I/P-CASE: 2.5 kVdc
ISOLATION RESISTANCE
I/P-O/P :100M Ω / 500 Vdc / 25℃ / 70% RH
DIMENSION (L*W*H)
163 * 47 * 31.6 mm 【6.42 * 1.85 * 1.24 inch】
(1) All parameters specified at 230 Vac input unless otherwise noted.
(2) All specifications Typical at 25℃, unless otherwise noted, at normal line and load.
(3) Ripple and Noise measured directly at pins/terminals at nom. load, pk-pk at 20MHz bandwidth.
OVER TEMP. PROTECTION
OTP will restart automatically after the fault condition is removed
AC CURRENT
0.7 A / 100 Vac
INRUSH CURRENT (typ)
COLD START 43A @ 230 Vac
LEAKAGE CURRENT
0.75 mA / 264 Vac
OVER CURRENT PROTECTION
NA
OPERATING TEMP.
-20℃ ~ +60℃at Full Load
STORAGE TEMP.
-40℃ ~ +80℃
RELATIVE HUMIDITY
10% to +90%, non-cond.
SAFETY
UL 60950-1
SHORT CIRCUIT PROTECTION
SCP will restart automatically after the fault condition is removed
OVER VOLTAGE PROTECTION
OVP will restart automatically after the fault condition is removed
ELECTRICAL SPECIFICATION
INPUT VOLTAGE RANGE
90-305 Vac, 127-431 Vdc, Normal: 100-277 Vac
INPUT FREQUENCY
Range: 47-63 Hz, Normal: 50-60 Hz
ACTIVE POWER FACTOR
> 0.95 @ 115 Vac / > 0.9 @ 230 Vac
THD
NA
TURN ON DELAY TIME
3000 ms at Full Load 115 Vac / 230 Vac
87%
4.5
LCCE-045U302-00
45
11.2-15
3
±5%
83%
32-42
1.1
±5%
18-24
1.9
±5%
85%
3.5
LCCE-052U132-00
52.5
31.5-42
1.25
±5%
3
LCCE-045U232-00
46
15-20
2.3
±5%
84%
3.5
LCCE-045U192-00
45.6
● Warranty: 5 years (refer to LinkCom warranty policy)
● RoHS Compliant
● Surge Protection: L-N 1 kV, L/N-FG 2 kV
85%
4
LCCE-045U132-00
46.8
27-36
1.3
±5%
86%
36-48
0.95
±5%
86%
3.5
LCCE-045U152-00
45
23-30
1.5
±5%
4
LCCE-045U112-00
46.2
45W Power Supply
45-LCCE Series
Constant Current Mode
FEATURES:
● AC Input : 90-305 Vac Nominal
● Protection: SCP / OVP / OTP
● High Operating Ambient Temp.: -20 ℃ ~ +60 ℃
● Power Factor: > 0.95 @ 115 Vac / > 0.9 @ 230 Vac
86%
4
LCCE-045U951-00
46.1
● Comply with Indoor/Outdoor Waterproof (IP 67)
● Built-in Active Power Factor Correction
PRODUCT SPECIFICATION
MODEL
DC OUTPUT
POWER(W)
DC OUTPUT
VOLTAGE(V)
OUTPUT
CURRENT(A)
OUTPUT
CURRENT
TOLERANCE
EFFICIENCY
O/P NOISE(P-P,V)
● Safety: UL
● EMI: CE / FCC
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Similar Part No. - LCCE-045U152-00

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCCE-045U152 LINKCOM-LCCE-045U152 Datasheet
532Kb / 4P
   Power Supply
More results

Similar Description - LCCE-045U152-00

ManufacturerPart #DatasheetDescription
logo
ETA-USA
VTB21-FWC12 ETA-USA-VTB21-FWC12 Datasheet
6Mb / 3P
   45W Isolated Power Supply
VTB-FWC ETA-USA-VTB-FWC Datasheet
6Mb / 3P
   45W Isolated Power Supply
logo
Sanyo Semicon Device
STK4182II SANYO-STK4182II Datasheet
252Kb / 8P
   AF Power Amplifier (Split Power Supply) (45W 45W min, THD = 0.4%)
logo
Astrodyne Corporation
PD45 ASTRODYNE-PD45 Datasheet
331Kb / 4P
   45W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PT-45 MEANWELL-PT-45 Datasheet
340Kb / 2P
   45W Triple Output Switching Power Supply
PD-45 MEANWELL-PD-45 Datasheet
338Kb / 2P
   45W Dual Output Switching Power Supply
PLN-45-12 MEANWELL-PLN-45-12 Datasheet
190Kb / 2P
   45W Single Output LED Power Supply
logo
RSG Electronic Componen...
PD-45 RSG-PD-45 Datasheet
197Kb / 2P
   45W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PLC-45 MEANWELL-PLC-45 Datasheet
144Kb / 3P
   45W Single Output LED Power Supply
PT-45_1109 MEANWELL-PT-45_1109 Datasheet
343Kb / 2P
   45W Triple Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com