Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCCEA075U360-00 Datasheet(PDF) 4 Page - LinkCom Manufacturing Co., Ltd.

Part # LCCEA075U360-00
Description  75W Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCEA075U360-00 Datasheet(HTML) 4 Page - LinkCom Manufacturing Co., Ltd.

  LCCEA075U360-00 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCEA075U360-00 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. LCCEA075U360-00 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. LCCEA075U360-00 Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
75W Power Supply
Constant Current Mode
75-LCCEA Series
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
PF VS Load(LCCEA075U480-00)
0.80
0.85
0.90
0.95
1.00
65%
70%
75%
80%
85%
90%
95%
100%
105%
110%
Load(%)
PF vs Load
Vin=100
Vin=120
Vin=200
Vin=230
Vin=277
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Similar Part No. - LCCEA075U360-00

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCCEA075U360 LINKCOM-LCCEA075U360 Datasheet
493Kb / 5P
   Power Supply
More results

Similar Description - LCCEA075U360-00

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
NES-75 TOTAL-POWER-NES-75 Datasheet
406Kb / 2P
   75W Single Output Switching Power Supply
logo
Astrodyne Corporation
LPS75 ASTRODYNE-LPS75 Datasheet
322Kb / 4P
   75W Single Output Switching Power Supply
RS-75 ASTRODYNE-RS-75 Datasheet
307Kb / 2P
   75W Single Output Switching Power Supply
logo
RSG Electronic Componen...
LPS-75 RSG-LPS-75 Datasheet
188Kb / 2P
   75W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
NES-75 MEANWELL-NES-75 Datasheet
404Kb / 2P
   75W Single Output Switching Power Supply
LPS-75 MEANWELL-LPS-75_10 Datasheet
304Kb / 2P
   75W Single Output Switching Power Supply
NED-75 MEANWELL-NED-75_11 Datasheet
383Kb / 2P
   75W Dual Output Switching Power Supply
CEN-75 MEANWELL-CEN-75 Datasheet
309Kb / 3P
   75W Single Output LED Power Supply
NET-75 MEANWELL-NET-75 Datasheet
383Kb / 2P
   75W Triple Output Switching Power Supply
LPS-75_1108 MEANWELL-LPS-75_1108 Datasheet
303Kb / 2P
   75W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com