Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100W-LCCEA Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # 100W-LCCEA
Description  100W Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

100W-LCCEA Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  100W-LCCEA Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. 100W-LCCEA Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. 100W-LCCEA Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. 100W-LCCEA Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
● EMI: FCC / Meets CE
● Comply with Indoor/Outdoor Waterproof (IP 67)
● Warranty:5 years (refer to LinkCom warranty policy)
±3%
88%
1% Vo(max.)
< 1s at Full Load 100-277 Vac
1.5 A / 100 Vac 0.6 A / 277 Vac
-40 ℃ ~ +80 ℃
10% to +90%, non-cond.
OVER CURRENT PROTECTION
96
±3%
28-36
90-305 Vac, 127-431 Vdc, Normal: 100-277 Vac
±3%
96
96
32-42
100W Power Supply
Constant Current Mode
4
OUTPUT
CURRENT(A)
1% Vo(max.)
100-LCCEA Series
18-24
FEATURES:
● RoHS Compliant
88.5%
MODEL
LCCEA100U360-00
1% Vo(max.)
PRODUCT SPECIFICATION
89%
● AC Input 90~305 Vac Nominal
● Built-in Active Power Factor Correction
96
O/P NOISE(P-P,V)
DC OUTPUT
POWER(W)
OUTPUT
CURRENT
TOLERANCE
EFFICIENCY
DC OUTPUT
VOLTAGE(V)
FCC Part15 / Meets EN55015
INPUT VOLTAGE RANGE
2.7
LCCEA100U240-00
LCCEA100U420-00
LCCEA100U480-00
ELECTRICAL SPECIFICATION
36-48
shut down and latch off o/p voltage , re-power on to recover
120%~160% rated output power ; Hiccup mode
THD
UL 8750
STORAGE TEMP.
RELATIVE HUMIDITY
1% Vo(max.)
±3%
2.3
89%
2
● Protection: SCP / OVP / OTP / OCP
● High Operating Ambient Temp.: -30 ℃ ~ +50 ℃
● Surge Protection: L-N 6 kV
● Safety: UL
*Please contact sales@linkcom.com.tw, sales@linkcomusa.com for more information
< 20% at 80%-Full Load 100-277 Vac
*REFERENCE: www.linkcom.com.tw
> 0.9 @ Full Load 100-277 Vac
ISOLATION RESISTANCE
DIMENSION (L*W*H)
Cold Start 65 A @ 230 Vac
< 0.75 mA
-30 ℃ ~ +50 ℃ @ Full Load 100-277 Vac
INRUSH CURRENT (Max.)
SCP and OVP will restart automatically after the fault condition is removed
OVER VOLTAGE PROTECTION
SAFETY
232 * 46.5 * 31 mm【9.13 * 1.83 * 1.22 inch】
(4) Specified for free-air convection cooling.
(6) 100% Production Tested.
I/P-O/P: 3.75 kVac, O/P-Grnd: 0.5 kVac, I/P-Grnd: 1.88 kVac
I/P-O/P, I/P-FG,O/P-FG :100M Ω / 500 Vdc / 25℃ / 70% RH
INPUT FREQUENCY
Range: 47-63 Hz, Normal: 50-60 Hz
ACTIVE POWER FACTOR
WITHSTAND VOLTAGE
OPERATING TEMP.
LEAKAGE CURRENT
OVER TEMP. PROTECTION
(5) Minimum load is NOT required for proper operation .
TURN ON DELAY TIME
AC CURRENT
SHORT CIRCUIT PROTECTION
(1) All parameters specified at 230 Vac input unless otherwise noted.
(2) All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3) Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk @20MHz bandwidth.
EMI
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Similar Part No. - 100W-LCCEA

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
100W-LCCH LINKCOM-100W-LCCH Datasheet
500Kb / 4P
   100W LED Power Supply
More results

Similar Description - 100W-LCCEA

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ETD-SC ETA-USA-ETD-SC Datasheet
2Mb / 5P
   100W Isolated Power Supply
NVD-SC ETA-USA-NVD-SC Datasheet
3Mb / 4P
   100W Isolated Power Supply
logo
LinkCom Manufacturing C...
100W-LCCH LINKCOM-100W-LCCH Datasheet
500Kb / 4P
   100W LED Power Supply
logo
ETA-USA
VTD-SC ETA-USA-VTD-SC Datasheet
7Mb / 3P
   100W Isolated Power Supply
logo
BOSER Technology Co., L...
MPI-P10H BOSER-MPI-P10H Datasheet
215Kb / 1P
   100W AC-DC Power Supply
logo
List of Unclassifed Man...
EOFP-100M ETC2-EOFP-100M Datasheet
326Kb / 2P
   100W OPEN FRAME Power Supply
logo
Mean Well Enterprises C...
LPC-100 MEANWELL-LPC-100 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
PQ-100 MEANWELL-PQ-100 Datasheet
666Kb / 3P
   100W Quad Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com