Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCCH-080U360-00 Datasheet(PDF) 3 Page - LinkCom Manufacturing Co., Ltd.

Part # LCCH-080U360-00
Description  80W Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCH-080U360-00 Datasheet(HTML) 3 Page - LinkCom Manufacturing Co., Ltd.

  LCCH-080U360-00 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCH-080U360-00 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. LCCH-080U360-00 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. LCCH-080U360-00 Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
80W Power Supply
80-LCCH Series
Constant Current Mode
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
Output Current vs. Load(LCCH-080P480-E0)
Efficiency vs. Load(LCCH-080P480-E0)
PF vs. Load(LCCH-080P480-E0)
80%
85%
90%
95%
65%
70%
75%
80%
85%
90%
95%
100%
105%
Load (%)
Efficiency vs. Load
Vin=100
Vin=120
Vin=200
Vin=230
Vin=277
1.660
1.680
1.700
1.720
1.740
65%
70%
75%
80%
85%
90%
95%
100%
105%
Load (%)
Output Current vs. Load
Vin=100
Vin=120
Vin=200
Vin=230
Vin=277
0.80
0.85
0.90
0.95
1.00
65%
70%
75%
80%
85%
90%
95%
100%
105%
Load (%)
PF vs. Load
Vin=100
Vin=120
Vin=200
Vin=230
Vin=277
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Similar Part No. - LCCH-080U360-00

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCCH-080U360 LINKCOM-LCCH-080U360 Datasheet
535Kb / 4P
   Power Supply
More results

Similar Description - LCCH-080U360-00

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLP-80H MEANWELL-HLP-80H_12 Datasheet
355Kb / 4P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
logo
List of Unclassifed Man...
HLG-80H-24A ETC2-HLG-80H-24A Datasheet
183Kb / 7P
   80W Single Output Switching Power Supply
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
   80W Switching Mode DC Power Supply
logo
Mean Well Enterprises C...
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
   80W Single Output Switching Power Supply
HLP-80H MEANWELL-HLP-80H Datasheet
363Kb / 4P
   80W Single Output Switching Power Supply
logo
Sanyo Semicon Device
STK4221II SANYO-STK4221II Datasheet
146Kb / 5P
   AF Power Amplifier (Split Power Supply) (80W 80W min, THD = 0.4%)
logo
Mean Well Enterprises C...
HLN-80H MEANWELL-HLN-80H Datasheet
266Kb / 5P
   80W Single Output Switching Power Supply
logo
Sanyo Semicon Device
STK405-120 SANYO-STK405-120 Datasheet
151Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 80W 80W min, THD =10%????????????
logo
Mean Well Enterprises C...
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
   80W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com