Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCCH-100U480-00 Datasheet(PDF) 4 Page - LinkCom Manufacturing Co., Ltd.

Part # LCCH-100U480-00
Description  100W LED Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCH-100U480-00 Datasheet(HTML) 4 Page - LinkCom Manufacturing Co., Ltd.

  LCCH-100U480-00 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCH-100U480-00 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. LCCH-100U480-00 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. LCCH-100U480-00 Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
100W LED Power Supply
Constant Current Mode
100-LCCH Series
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
THD vs. Load(LCCH-100U240)
0%
5%
10%
15%
20%
70%
75%
80%
85%
90%
95%
100%
105%
Load (%)
THD vs. Load
Vin=100
Vin=120
Vin=200
Vin=230
Vin=277
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Similar Part No. - LCCH-100U480-00

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCCH-100U480 LINKCOM-LCCH-100U480 Datasheet
479Kb / 4P
   Power Supply
More results

Similar Description - LCCH-100U480-00

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPC-100 MEANWELL-LPC-100 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
HVGC-100 MEANWELL-HVGC-100_12 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
CEN-100 MEANWELL-CEN-100 Datasheet
165Kb / 3P
   100W Single Output LED Power Supply
logo
CINCON ELECTRONICS Corp...
LDA100S CINCON-LDA100S Datasheet
247Kb / 2P
   100W SINGLE OUTPUT LED POWER SUPPLY
logo
Mean Well Enterprises C...
ELG-100-C MEANWELL-ELG-100-C Datasheet
148Kb / 7P
   100W Single Output LED Power Supply
HVGC-100 MEANWELL-HVGC-100 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
CEN-100 MEANWELL-CEN-100_12 Datasheet
169Kb / 3P
   100W Single Output LED Power Supply
logo
LinkCom Manufacturing C...
100W-LCCEA LINKCOM-100W-LCCEA Datasheet
435Kb / 4P
   100W Power Supply
logo
ETA-USA
ETD-SC ETA-USA-ETD-SC Datasheet
2Mb / 5P
   100W Isolated Power Supply
NVD-SC ETA-USA-NVD-SC Datasheet
3Mb / 4P
   100W Isolated Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com