Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE130 Datasheet(PDF) 4 Page - Comchip Technology

Part # P6KE130
Description  600w Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P6KE130 Datasheet(HTML) 4 Page - Comchip Technology

  P6KE130 Datasheet HTML 1Page - Comchip Technology P6KE130 Datasheet HTML 2Page - Comchip Technology P6KE130 Datasheet HTML 3Page - Comchip Technology P6KE130 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
600w Transient Voltage Suppressor
600w Transient Voltage Suppressor
www.comchiptech.com
COMCHIP
COMCHIP
MDS0312009A
Page 4
FIG. 1 - PEAK PULSE POWER RATING CURVE
100
10
1.0
0.1
0.1us
1.0us
10us
100us
1.0ms
10ms
td, PULSE WIDTH, sec.
FIG.3 - PULSE WAVEFORM
150
100
50
0
0
1.0
2.0
3.0
4.0
t, TIME, ms
FIG. 5 - STEADY STATE POWER DERATING CURVE
5.0
3.75
2.5
1.25
0
0
25
50
75
100
125
150
175
200
TL, LEAD TEMPERATURE, ℃
FIG. 7 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS
1.000
100
10
1
0.1
0.01
0.001
0
100
200
300
400 440
450
V(BR), BREAKDOWN VOLTAGE, VOLTS
FIG. 2 - PULSE DERATING CURVE
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE, oC
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
6.000
1.000
100
10
1
10
100
200
V(BR), BREAKDOWN OLTAGE, VOLTS
FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT UNIDIRECTIONAL
200
100
10
1
10
100
NUMBER OF CYCLES AT 60HZ
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG. 3 TA=25
oC
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% of IPP
tr =10usec.
PEAK VALUE
IPPM
HALF VALUE
Ipp
2
10/1000uSec. WAVEFORM
as DEFINED by R.E.A.
td
60HZ
RESISTIVE OR
INDUCTIVE LOAD
L=0.375”(9.5mm)
LEAD LENGTHS
1.6× 1.6× 0.040”
(40× 40× 1mm.)
COPPER HEAT SINKS
MEASURED AT DEVICES
STAND-OFF
VOLTAGE,VWM
TA=25oC
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
MEASURED at
STAND-OFF
VOLTAGE, VWM
MEASURED at
ZERO BIAS
TJ=25℃
f=1 MHZ
Vsig=50mVp-p


Similar Part No. - P6KE130

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE130 PANJIT-P6KE130 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Shenzhen Luguang Electr...
P6KE130 LUGUANG-P6KE130 Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
P6KE130 TSC-P6KE130 Datasheet
185Kb / 4P
   600 Watts Transient Voltage Suppressor
logo
Microsemi Corporation
P6KE130 MICROSEMI-P6KE130 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Shenzhen Luguang Electr...
P6KE130 LUGUANG-P6KE130 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P6KE130

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com