Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEA211898BT-9033B1 Datasheet(PDF) 3 Page - TDK Electronics

Part # DEA211898BT-9033B1
Description  Multilayer Band Pass Filter (Balance Output Type) (2in1)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DEA211898BT-9033B1 Datasheet(HTML) 3 Page - TDK Electronics

  DEA211898BT-9033B1 Datasheet HTML 1Page - TDK Electronics DEA211898BT-9033B1 Datasheet HTML 2Page - TDK Electronics DEA211898BT-9033B1 Datasheet HTML 3Page - TDK Electronics DEA211898BT-9033B1 Datasheet HTML 4Page - TDK Electronics DEA211898BT-9033B1 Datasheet HTML 5Page - TDK Electronics DEA211898BT-9033B1 Datasheet HTML 6Page - TDK Electronics DEA211898BT-9033B1 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20151007 / rf_bpf_dea211898bt-9033b1_en.fm
20151007 / rf_bpf_dea211898bt-9033b1_en.fm
DEA211898BT-9033B1
ELECTRICAL CHARACTERISTICS
Band1
・Ta: +25±5°C
Band2
・Ta: +25±5°C
TEMPERATURE RANGE
Item
Frequency Range
(MHz)
Min.
Typ.
Max.
Unbalanced Port Characteristic Impedance (
:)
50 (Nominal)
Balanced Port Characteristic Impedance (
:)
200 (Nominal)
Insertion Loss (dB)
869
to 960
1.35
1.5
Attenuation (dB)
434.5 to 480
15
17.6
1738
to 1920
20
21.6
2607
to 2880
20
25.6
Amplitude Balance (dB)
869
to 960
–1.0
0.51
1.0
Phase Balance (deg.)
869
to 960
170
176.4
190
Item
Frequency Range
(MHz)
Min.
Typ.
Max.
Unbalanced Port Characteristic Impedance (
:)
50 (Nominal)
Balanced Port Characteristic Impedance (
:)
200 (Nominal)
Insertion Loss (dB)
1805
to 2025
1.60
1.9
Attenuation (dB)
902.5 to 1012.5
16.5
18.3
2400
to 2500
15
21.0
3610
to 4050
20
22.5
5415
to 6000
13
19.7
Amplitude Balance (dB)
1805
to 2025
–1.5
0.96
1.5
Phase Balance (deg.)
1805
to 2025
170
176.4
190
Operating temperature
Storage temperature
(°C)
(°C)
–40 to +85
–40 to +85


Similar Part No. - DEA211898BT-9033B1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA212450BT-7031A1 TDK-DEA212450BT-7031A1 Datasheet
73Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA212450BT-7043C1 TDK-DEA212450BT-7043C1 Datasheet
76Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA215425BT-7075C2 TDK-DEA215425BT-7075C2 Datasheet
126Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
More results

Similar Description - DEA211898BT-9033B1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA202450BT-7100C1 TDK-DEA202450BT-7100C1 Datasheet
80Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA202450BT-7077A1 TDK-DEA202450BT-7077A1 Datasheet
96Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA202450BT-7112B1 TDK-DEA202450BT-7112B1 Datasheet
82Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA203600BT-7127E3 TDK-DEA203600BT-7127E3 Datasheet
76Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA202450BT-7099A1 TDK-DEA202450BT-7099A1 Datasheet
81Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA212450BT-7031A1 TDK-DEA212450BT-7031A1 Datasheet
73Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA215425BT-7075C2 TDK-DEA215425BT-7075C2 Datasheet
126Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA252450BT-7012D1 TDK-DEA252450BT-7012D1 Datasheet
76Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA252450BT-7014D1 TDK-DEA252450BT-7014D1 Datasheet
76Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA202450BT-7112E1 TDK-DEA202450BT-7112E1 Datasheet
81Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com