Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEA255375BT-2076A1 Datasheet(PDF) 4 Page - TDK Electronics

Part # DEA255375BT-2076A1
Description  Multilayer Band Pass Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DEA255375BT-2076A1 Datasheet(HTML) 4 Page - TDK Electronics

  DEA255375BT-2076A1 Datasheet HTML 1Page - TDK Electronics DEA255375BT-2076A1 Datasheet HTML 2Page - TDK Electronics DEA255375BT-2076A1 Datasheet HTML 3Page - TDK Electronics DEA255375BT-2076A1 Datasheet HTML 4Page - TDK Electronics DEA255375BT-2076A1 Datasheet HTML 5Page - TDK Electronics DEA255375BT-2076A1 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150601 / rf_bpf_dea255375bt-2076a1_en.fm
20150601 / rf_bpf_dea255375bt-2076a1_en.fm
DEA255375BT-2076A1
FREQUENCY CHARACTERISTICS
INSERTION LOSS
ATTENUATION
RETURN LOSS
1.2
4300 4500 4700 4900 5100 5300 5500 5700 5900 6100 6300 6500
0.8
1.0
1.6
1.4
1.8
2.0
0.6
0.4
0.2
0.0
Frequency(MHz)
30
0
1000
3000 4000 5000 6000 7000 8000 9000 10000 11000 12000
2000
10
20
50
40
60
70
0
Frequency(MHz)
15
20
10
0
40
35
5
30
25
4300 4500 4700 4900 5100 5300 5500 5700 5900 6100 6300 6500
Frequency(MHz)


Similar Part No. - DEA255375BT-2076A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA255375BT TDK-DEA255375BT Datasheet
57Kb / 2P
   Multilayer Chip Band Pass Filters For 5.0GHz W-LAN
More results

Similar Description - DEA255375BT-2076A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA252400BT-2030A1 TDK-DEA252400BT-2030A1_16 Datasheet
72Kb / 6P
   Multilayer Band Pass Filter
DEA252450BT-2031A1 TDK-DEA252450BT-2031A1_16 Datasheet
72Kb / 6P
   Multilayer Band Pass Filter
DEA252450BT-2063C1 TDK-DEA252450BT-2063C1_16 Datasheet
74Kb / 6P
   Multilayer Band Pass Filter
DEA255787BT-2044A1 TDK-DEA255787BT-2044A1 Datasheet
76Kb / 6P
   Multilayer Band Pass Filter
DEA202450BT-1283A2 TDK-DEA202450BT-1283A2 Datasheet
71Kb / 6P
   Multilayer Band Pass Filter
DEA202450BT-2114F1 TDK-DEA202450BT-2114F1 Datasheet
72Kb / 6P
   Multilayer Band Pass Filter
DEA202450BT-3201B2 TDK-DEA202450BT-3201B2 Datasheet
75Kb / 6P
   Multilayer Band Pass Filter
DEA162450BT-1298A1 TDK-DEA162450BT-1298A1 Datasheet
77Kb / 7P
   Multilayer Band Pass Filter
DEA162450BT-2096A1-H TDK-DEA162450BT-2096A1-H Datasheet
74Kb / 6P
   Multilayer Band Pass Filter
DEA252450BT-2080B2 TDK-DEA252450BT-2080B2_16 Datasheet
75Kb / 6P
   Multilayer Band Pass Filter
DEA105425BT-1293A1 TDK-DEA105425BT-1293A1 Datasheet
70Kb / 6P
   Multilayer Band Pass Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com