Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLF162500LT-5028A1 Datasheet(PDF) 5 Page - TDK Electronics

Part # DLF162500LT-5028A1
Description  Multilayer Low Pass Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DLF162500LT-5028A1 Datasheet(HTML) 5 Page - TDK Electronics

  DLF162500LT-5028A1 Datasheet HTML 1Page - TDK Electronics DLF162500LT-5028A1 Datasheet HTML 2Page - TDK Electronics DLF162500LT-5028A1 Datasheet HTML 3Page - TDK Electronics DLF162500LT-5028A1 Datasheet HTML 4Page - TDK Electronics DLF162500LT-5028A1 Datasheet HTML 5Page - TDK Electronics DLF162500LT-5028A1 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150601 / rf_lpf_dlf162500lt-5028a1_en.fm
20150601 / rf_lpf_dlf162500lt-5028a1_en.fm
DLF162500LT-5028A1
RECOMMENDED REFLOW PROFILE
Soaking
Working
Soldering Peak
Temp.
Time
Temp.
Time
Temp.
Time
Temp.
T1
T2
t1
T3
t2
T4
t3
T5
150°C
180°C
60 to 120s
230°C
more than 30s
247 to 253°C
within 10s
260°C max.
t3
t1
Soaking
t2
Working
T3
T3
T4
T4
T5
T2
T1
t: Time
Soldering
Peak


Similar Part No. - DLF162500LT-5028A1

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DLF101 WINNERJOIN-DLF101 Datasheet
122Kb / 2P
   Fast recovery type
DLF102 WINNERJOIN-DLF102 Datasheet
122Kb / 2P
   Fast recovery type
DLF103 WINNERJOIN-DLF103 Datasheet
122Kb / 2P
   Fast recovery type
DLF104 WINNERJOIN-DLF104 Datasheet
122Kb / 2P
   Fast recovery type
DLF105 WINNERJOIN-DLF105 Datasheet
122Kb / 2P
   Fast recovery type
More results

Similar Description - DLF162500LT-5028A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA162500LT-1217A1 TDK-DEA162500LT-1217A1_15 Datasheet
72Kb / 6P
   Multilayer Low Pass Filter
DEA070960LT-4006B1 TDK-DEA070960LT-4006B1 Datasheet
73Kb / 6P
   Multilayer Low Pass Filter
DEA161990LT-1182 TDK-DEA161990LT-1182 Datasheet
70Kb / 6P
   Multilayer Low Pass Filter
DEA162025LT-5003C3 TDK-DEA162025LT-5003C3 Datasheet
73Kb / 6P
   Multilayer Low Pass Filter
DEA160787LT-5032A1 TDK-DEA160787LT-5032A1 Datasheet
71Kb / 6P
   Multilayer Low Pass Filter
DEA165850LT-1197B2 TDK-DEA165850LT-1197B2_15 Datasheet
72Kb / 6P
   Multilayer Low Pass Filter
DEA102025LT-6313A1 TDK-DEA102025LT-6313A1 Datasheet
70Kb / 6P
   Multilayer Low Pass Filter
DEA163600LT-5017A1 TDK-DEA163600LT-5017A1 Datasheet
74Kb / 6P
   Multilayer Low Pass Filter
DEA160960LT-1169AA TDK-DEA160960LT-1169AA Datasheet
71Kb / 6P
   Multilayer Low Pass Filter
DEA162700LT-5014A1 TDK-DEA162700LT-5014A1 Datasheet
73Kb / 6P
   Multilayer Low Pass Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com