Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPX162500DT-8014A1 Datasheet(PDF) 4 Page - TDK Electronics

Part # DPX162500DT-8014A1
Description  Multilayer Diplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DPX162500DT-8014A1 Datasheet(HTML) 4 Page - TDK Electronics

  DPX162500DT-8014A1 Datasheet HTML 1Page - TDK Electronics DPX162500DT-8014A1 Datasheet HTML 2Page - TDK Electronics DPX162500DT-8014A1 Datasheet HTML 3Page - TDK Electronics DPX162500DT-8014A1 Datasheet HTML 4Page - TDK Electronics DPX162500DT-8014A1 Datasheet HTML 5Page - TDK Electronics DPX162500DT-8014A1 Datasheet HTML 6Page - TDK Electronics DPX162500DT-8014A1 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150701 / rf_dpx_dpx162500dt-8014a1_en.fm
20150701 / rf_dpx_dpx162500dt-8014a1_en.fm
DPX162500DT-8014A1
FREQUENCY CHARACTERISTICS
LOW-BAND
Insertion Loss
Return Loss
Attenuation
HIGH-BAND
Insertion Loss
Return Loss
Attenuation
3.0
2.0
2.5
1.5
1.0
0.5
0.0
1000
1400
1200
1600
1800
2000
Frequency(MHz)
50
40
30
20
10
0
1000
1400
1200
1600
1800
2000
Frequency(MHz)
50
40
30
20
10
0
500
1500
1000
2000
2500
3000
Frequency(MHz)
3.0
2.0
2.5
1.5
1.0
0.5
0.0
2000
2400
2200
2600
2800
3000
Frequency(MHz)
50
40
30
20
10
0
2000
2400
2200
2600
2800
3000
Frequency(MHz)
50
40
30
20
10
0
500
1500
1000
2000
2500
3000
Frequency(MHz)


Similar Part No. - DPX162500DT-8014A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPX162500DT-8028A1 TDK-DPX162500DT-8028A1 Datasheet
83Kb / 8P
   Multilayer Diplexer
More results

Similar Description - DPX162500DT-8014A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPX165850DT-8017A1 TDK-DPX165850DT-8017A1 Datasheet
80Kb / 7P
   Multilayer Diplexer
DPX165850DT-8033B1 TDK-DPX165850DT-8033B1 Datasheet
78Kb / 7P
   Multilayer Diplexer
DPX165950DT-8018A1 TDK-DPX165950DT-8018A1 Datasheet
86Kb / 7P
   Multilayer Diplexer
DPX165950DT-8026A1 TDK-DPX165950DT-8026A1 Datasheet
96Kb / 7P
   Multilayer Diplexer
DPX205850DT-4043A1 TDK-DPX205850DT-4043A1_16 Datasheet
79Kb / 7P
   Multilayer Diplexer
DPX252500DT-5217A1 TDK-DPX252500DT-5217A1 Datasheet
91Kb / 7P
   Multilayer Diplexer
DPX201990DT-4151A2 TDK-DPX201990DT-4151A2 Datasheet
78Kb / 7P
   Multilayer Diplexer
DPX202500DT-9032A1 TDK-DPX202500DT-9032A1 Datasheet
79Kb / 7P
   Multilayer Diplexer
DPX202690DT-4049A2 TDK-DPX202690DT-4049A2 Datasheet
80Kb / 7P
   Multilayer Diplexer
DPX202750DT-4058A1 TDK-DPX202750DT-4058A1 Datasheet
76Kb / 7P
   Multilayer Diplexer
DPX205850DT-4032A1 TDK-DPX205850DT-4032A1 Datasheet
81Kb / 7P
   Multilayer Diplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com