Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPX162500DT-8028A1 Datasheet(PDF) 3 Page - TDK Electronics

Part # DPX162500DT-8028A1
Description  Multilayer Diplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DPX162500DT-8028A1 Datasheet(HTML) 3 Page - TDK Electronics

  DPX162500DT-8028A1 Datasheet HTML 1Page - TDK Electronics DPX162500DT-8028A1 Datasheet HTML 2Page - TDK Electronics DPX162500DT-8028A1 Datasheet HTML 3Page - TDK Electronics DPX162500DT-8028A1 Datasheet HTML 4Page - TDK Electronics DPX162500DT-8028A1 Datasheet HTML 5Page - TDK Electronics DPX162500DT-8028A1 Datasheet HTML 6Page - TDK Electronics DPX162500DT-8028A1 Datasheet HTML 7Page - TDK Electronics DPX162500DT-8028A1 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150701 / rf_dpx_dpx162500dt-8028a1_en.fm
20150701 / rf_dpx_dpx162500dt-8028a1_en.fm
DPX162500DT-8028A1
ELECTRICAL CHARACTERISTICS
LOW-BAND
・Ta: +25±5°C
HIGH-BAND
・Ta: +25±5°C
COMMON
・Ta: +25±5°C
TEMPERATURE RANGE
Item
Frequency Range
(MHz)
Min.
Typ.
Max.
Insertion Loss (dB)
1572 to 1578
0.31
0.35
1572 to 1578
0.40 (–40 to +85°C)
Return Loss (dB)
1572 to 1578
13.98
26.4
Attenuation (dB)
2400 to 2500
13
22.4
Characteristic Impedance (
:)
50 (Nominal)
Item
Frequency Range
(MHz)
Min.
Typ.
Max.
Insertion Loss (dB)
2400 to 2500
0.42
0.50
2400 to 2500
0.60 (–40 to +85°C)
Return Loss (dB)
2400 to 2500
13.98
22.6
Attenuation (dB)
1572 to 1578
22
36.6
Characteristic Impedance (
:)
50 (Nominal)
Item
Frequency Range
(MHz)
Min.
Typ.
Max.
Return Loss (dB)
1572 to 1578
13.98
27.3
2400 to 2500
13.98
21.2
Power Handling (W)
3
Characteristic Impedance (
:)
50 (Nominal)
Operating temperature
Storage temperature
(°C)
(°C)
–40 to +85
–40 to +85


Similar Part No. - DPX162500DT-8028A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPX162500DT-8014A1 TDK-DPX162500DT-8014A1 Datasheet
78Kb / 7P
   Multilayer Diplexer
More results

Similar Description - DPX162500DT-8028A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPX165850DT-8017A1 TDK-DPX165850DT-8017A1 Datasheet
80Kb / 7P
   Multilayer Diplexer
DPX165850DT-8033B1 TDK-DPX165850DT-8033B1 Datasheet
78Kb / 7P
   Multilayer Diplexer
DPX165950DT-8018A1 TDK-DPX165950DT-8018A1 Datasheet
86Kb / 7P
   Multilayer Diplexer
DPX165950DT-8026A1 TDK-DPX165950DT-8026A1 Datasheet
96Kb / 7P
   Multilayer Diplexer
DPX205850DT-4043A1 TDK-DPX205850DT-4043A1_16 Datasheet
79Kb / 7P
   Multilayer Diplexer
DPX252500DT-5217A1 TDK-DPX252500DT-5217A1 Datasheet
91Kb / 7P
   Multilayer Diplexer
DPX201990DT-4151A2 TDK-DPX201990DT-4151A2 Datasheet
78Kb / 7P
   Multilayer Diplexer
DPX202500DT-9032A1 TDK-DPX202500DT-9032A1 Datasheet
79Kb / 7P
   Multilayer Diplexer
DPX202690DT-4049A2 TDK-DPX202690DT-4049A2 Datasheet
80Kb / 7P
   Multilayer Diplexer
DPX202750DT-4058A1 TDK-DPX202750DT-4058A1 Datasheet
76Kb / 7P
   Multilayer Diplexer
DPX205850DT-4032A1 TDK-DPX205850DT-4032A1 Datasheet
81Kb / 7P
   Multilayer Diplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com