Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPX165850DT-8132A1 Datasheet(PDF) 3 Page - TDK Electronics

Part # DPX165850DT-8132A1
Description  Multilayer Diplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DPX165850DT-8132A1 Datasheet(HTML) 3 Page - TDK Electronics

  DPX165850DT-8132A1 Datasheet HTML 1Page - TDK Electronics DPX165850DT-8132A1 Datasheet HTML 2Page - TDK Electronics DPX165850DT-8132A1 Datasheet HTML 3Page - TDK Electronics DPX165850DT-8132A1 Datasheet HTML 4Page - TDK Electronics DPX165850DT-8132A1 Datasheet HTML 5Page - TDK Electronics DPX165850DT-8132A1 Datasheet HTML 6Page - TDK Electronics DPX165850DT-8132A1 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20151106 / rf_dpx_dpx165850dt-8132a1_en.fm
20151106 / rf_dpx_dpx165850dt-8132a1_en.fm
DPX165850DT-8132A1
ELECTRICAL CHARACTERISTICS
LOW-BAND
・Ta: +25±5°C
HIGH-BAND
・Ta: +25±5°C
TEMPERATURE RANGE
Item
Frequency Range
(MHz)
Min.
Typ.
Max.
Insertion Loss (dB)
698 to 960
0.23
0.40
1427 to 1511
0.39
0.55
1560 to 1607
0.46
0.65
698 to 960
0.50 (–40 to +85°C)
1427 to 1511
0.70 (–40 to +85°C)
1560 to 1607
0.80 (–40 to +85°C)
Return Loss (dB)
698 to 960
9.54
28.2
1427 to 1511
9.54
34.6
1560 to 1607
9.54
30.4
Attenuation (dB)
2400 to 2500
20
24
2620 to 2690
20
23
5150 to 5850
13
21
Power Handling (W)
3.0
Characteristic Impedance (
:)
50 (Nominal)
Item
Frequency Range
(MHz)
Min.
Typ.
Max.
Insertion Loss (dB)
2400 to 2500
0.49
0.70
2620 to 2690
0.34
0.60
5150 to 5850
0.34
0.80
2400 to 2500
0.85 (–40 to +85°C)
2620 to 2690
0.75 (–40 to +85°C)
5150 to 5850
1.00 (–40 to +85°C)
Return Loss (dB)
2400 to 2500
9.54
20.1
2620 to 2690
9.54
27.8
5150 to 5850
9.54
15.6
Attenuation (dB)
698 to 960
15
18
1427 to 1511
15
23
1560 to 1607
20
30
Power Handling (W)
3.0
Characteristic Impedance (
:)
50 (Nominal)
Operating temperature
Storage temperature
(°C)
(°C)
–40 to +85
–40 to +85


Similar Part No. - DPX165850DT-8132A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPX165850DT-8117A1 TDK-DPX165850DT-8117A1 Datasheet
90Kb / 7P
   Multilayer Diplexer
More results

Similar Description - DPX165850DT-8132A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPX165850DT-8017A1 TDK-DPX165850DT-8017A1 Datasheet
80Kb / 7P
   Multilayer Diplexer
DPX165850DT-8033B1 TDK-DPX165850DT-8033B1 Datasheet
78Kb / 7P
   Multilayer Diplexer
DPX165950DT-8018A1 TDK-DPX165950DT-8018A1 Datasheet
86Kb / 7P
   Multilayer Diplexer
DPX165950DT-8026A1 TDK-DPX165950DT-8026A1 Datasheet
96Kb / 7P
   Multilayer Diplexer
DPX205850DT-4043A1 TDK-DPX205850DT-4043A1_16 Datasheet
79Kb / 7P
   Multilayer Diplexer
DPX252500DT-5217A1 TDK-DPX252500DT-5217A1 Datasheet
91Kb / 7P
   Multilayer Diplexer
DPX201990DT-4151A2 TDK-DPX201990DT-4151A2 Datasheet
78Kb / 7P
   Multilayer Diplexer
DPX202500DT-9032A1 TDK-DPX202500DT-9032A1 Datasheet
79Kb / 7P
   Multilayer Diplexer
DPX202690DT-4049A2 TDK-DPX202690DT-4049A2 Datasheet
80Kb / 7P
   Multilayer Diplexer
DPX202750DT-4058A1 TDK-DPX202750DT-4058A1 Datasheet
76Kb / 7P
   Multilayer Diplexer
DPX205850DT-4032A1 TDK-DPX205850DT-4032A1 Datasheet
81Kb / 7P
   Multilayer Diplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com