Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VF-S320-12A-CFS Datasheet(PDF) 4 Page - CUI INC

Part # VF-S320-12A-CFS
Description  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VF-S320-12A-CFS Datasheet(HTML) 4 Page - CUI INC

  VF-S320-12A-CFS Datasheet HTML 1Page - CUI INC VF-S320-12A-CFS Datasheet HTML 2Page - CUI INC VF-S320-12A-CFS Datasheet HTML 3Page - CUI INC VF-S320-12A-CFS Datasheet HTML 4Page - CUI INC VF-S320-12A-CFS Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VF-S320-XXA-CFS │ DESCRIPTION: AC-DC POWER SUPPLY
date 04/23/2013
│ page 4 of 5
(TYP)
4.000
101.60
76.20 3.000
1.000
(2 PLCS)
12.70 0.500
25.40
(6 PLCS)
UNC 8-32
VO+
terminal block option
L
N
G
VO+
VO-
L
N
G
7pins 9.5mm center
M3.5 screw
connector part no.
JS-1120-10
VO-
JS-1120-05
(5 pins, 3 used)
(10 pins)
connector part no.
A
101.60 4.000
SCALE: 1:3
25.40 1.000
4.000
101.60
25.40 1.000
(2 PLCS)
177.80 7.000
39.30 1.547
DETAIL A
SCALE 2 : 1
RTN
FF
-
+
CN3
PG
FAN2
MECHANICAL DRAWING
CN1
1
ground
2
ac neutral
3
ac line
CN3
1
power good
2
RTN
3
fan fail
CN2
1
Vo+
2
Vo+
3
Vo+
4
Vo+
5
Vo+
6
Vo-
7
Vo-
8
Vo-
9
Vo-
10
Vo-
units: mm[inches]
tolerance: ±0.3 mm
unlessotherwisespecified
Notes:
1. CN1 mates with JST VH series 5-pin connector.
2. CN2 mates with VH series 10-pin connector.
3. CN3 mates with JST XHP-3 or equivalent (CHYAO SHIUNN JS-2001-03) and JST SXH-002T-P0.6 mating pins
4. Fan drive connector mates with JST part no. XHP-2 or equivalent
5. Mounting hole max depth 4.00mm
For more information, please visit the product page.


Similar Part No. - VF-S320-12A-CFS

ManufacturerPart #DatasheetDescription
logo
CUI INC
VF-S320-12A-CFS CUI-VF-S320-12A-CFS Datasheet
712Kb / 5P
   AC-DC POWER SUPPLY
VF-S320-12A-CFS CUI-VF-S320-12A-CFS Datasheet
667Kb / 5P
   AC-DC POWER SUPPLY
04/21/2021
More results

Similar Description - VF-S320-12A-CFS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com