Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCU70R600S Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HCU70R600S
Description  700V N-Channel Super Junction MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCU70R600S Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HCU70R600S Datasheet HTML 1Page - SemiHow Co.,Ltd. HCU70R600S Datasheet HTML 2Page - SemiHow Co.,Ltd. HCU70R600S Datasheet HTML 3Page - SemiHow Co.,Ltd. HCU70R600S Datasheet HTML 4Page - SemiHow Co.,Ltd. HCU70R600S Datasheet HTML 5Page - SemiHow Co.,Ltd. HCU70R600S Datasheet HTML 6Page - SemiHow Co.,Ltd. HCU70R600S Datasheet HTML 7Page - SemiHow Co.,Ltd. HCU70R600S Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Typical Characteristics
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
0
10
1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.0 V
5.5 V
Bottom : 5.0 V
* Notes :
1. 300us Pulse Test
2. T
C = 25
oC
V
DS, Drain-Source Voltage [V]
048
12
16
0.0
0.4
0.8
1.2
1.6
V
GS = 20V
V
GS = 10V
Note : T
J = 25
oC
I
D, Drain Current [A]
10
-1
10
0
10
1
0
1000
2000
3000
4000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
2468
10
0.1
1
10
-25
oC
25
oC
* Notes :
1. V
DS= 30V
2. 300us Pulse Test
V
GS, Gate-Source Voltage [V]
150
oC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
25
oC
* Notes :
1. V
GS= 0V
2. 300us Pulse Test
V
SD, Source-Drain Voltage [V]
150
oC
0
3
6
9
12
15
18
0
2
4
6
8
10
12
V
DS = 350V
V
DS = 140V
V
DS = 560V
Note : I
D = 7.3A
Q
G, Total Gate Charge [nC]


Similar Part No. - HCU70R600S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCU70R1K4P SEMIHOW-HCU70R1K4P Datasheet
320Kb / 8P
   Superior Avalanche Rugged Technology
HCU70R1K5E SEMIHOW-HCU70R1K5E Datasheet
435Kb / 9P
   Excellent stability and uniformity
HCU70R700T SEMIHOW-HCU70R700T Datasheet
386Kb / 9P
   Extremely low switching loss
HCU70R950T SEMIHOW-HCU70R950T Datasheet
396Kb / 9P
   Extremely low switching loss
More results

Similar Description - HCU70R600S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCD7NE70S SEMIHOW-HCD7NE70S Datasheet
198Kb / 7P
   700V N-Channel Super Junction MOSFET
HCU7N70S SEMIHOW-HCU7N70S Datasheet
197Kb / 7P
   700V N-Channel Super Junction MOSFET
HCS70R350E SEMIHOW-HCS70R350E Datasheet
645Kb / 7P
   700V N-Channel Super Junction MOSFET
HCD70R350E SEMIHOW-HCD70R350E Datasheet
246Kb / 8P
   700V N-Channel Super Junction MOSFET
HCU6N70S SEMIHOW-HCU6N70S Datasheet
199Kb / 7P
   700V N-Channel Super Junction MOSFET
HCD6NC70S SEMIHOW-HCD6NC70S Datasheet
200Kb / 7P
   700V N-Channel Super Junction MOSFET
logo
Shenzhen Foster Semicon...
FIR5NS70ABPG FOSTER-FIR5NS70ABPG Datasheet
1Mb / 6P
   5.0A,700V N-CHANNEL SUPER-JUNCTION MOSFET
FIR5NS70ALG FOSTER-FIR5NS70ALG Datasheet
1Mb / 6P
   5.0A,700V N-CHANNEL SUPER-JUNCTION MOSFET
logo
VBsemi Electronics Co.,...
VBE17R11S VBSEMI-VBE17R11S Datasheet
806Kb / 10P
   N-Channel 700V (D-S) Super Junction Power MOSFET
VBM17R07 VBSEMI-VBM17R07 Datasheet
939Kb / 11P
   N-Channel 700V (D-S) Super Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com