Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC427 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC427
Description  Dual Voltage Feedback Amplifier for Single Supply Operation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC427 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC427 Datasheet HTML 1Page - National Semiconductor (TI) CLC427 Datasheet HTML 2Page - National Semiconductor (TI) CLC427 Datasheet HTML 3Page - National Semiconductor (TI) CLC427 Datasheet HTML 4Page - National Semiconductor (TI) CLC427 Datasheet HTML 5Page - National Semiconductor (TI) CLC427 Datasheet HTML 6Page - National Semiconductor (TI) CLC427 Datasheet HTML 7Page - National Semiconductor (TI) CLC427 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
http://www.national.com
2
PARAMETERS
CONDITIONS
TYP
MIN/MAX RATINGS
UNITS
NOTES
CLC427AJ
25°
25°
0° to +70°
-40° to +85°
FREQUENCY DOMAIN RESPONSE
-3dB bandwidth
Vo < 1.0Vpp
48
32
28
27
MHz
B
-3dB bandwidth
Vo < 3.0Vpp
26
16
14
11
MHz
-3dB bandwidth AV = +1V/V
Vo < 1.0Vpp
94
MHz
rolloff
<10MHz
0.1
0.5
0.7
0.8
dB
B
peaking
DC to 200MHz
0
0.5
0.7
0.8
dB
B
linear phase deviation
<15MHz
0.3
0.6
0.8
0.9
deg
differential gain
NTSC, RL=150Ω
0.35
0.7
%
2
differential phase
NTSC, RL=150Ω
0.55
2
deg
2
TIME DOMAIN RESPONSE
rise and fall time
1V step
7.5
13
14
16
ns
settling time to 0.1%
1V step
46
70
ns
overshoot
1V step
5
13
%
slew rate
AV = +2
2V step
150
90
83
65
V/
µs
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
1Vpp, 1MHz
74
-dBc
1Vpp, 5MHz
62
55
52
52
-dBc
B
3rd harmonic distortion
1Vpp, 1MHz
94
-dBc
1Vpp, 5MHz
75
65
63
62
-dBc
B
equivalent input noise
voltage
>1MHz
10
12.5
13.6
14
nV/
√Hz
current
>1MHz
4
5
5.5
5.7
pA/
√Hz
crosstalk, input referred
10MHz
65
59
59
59
-dB
STATIC DC PERFORMANCE
input offset voltage
2
7
8
10
mV
A
average drift
4
22
35
µV/˚C
input bias current
17
30
36
45
µAA
average drift
80
145
175
nA/˚C
input offset current
0.2
5
6
7.5
µA
average drift
10
22
27
nA/˚C
power supply rejection ratio
DC
82
65
64
60
dB
B
common-mode rejection ratio
DC
82
55
53
50
dB
supply current (per amplifier)
no load
7
8.5
8.5
8.5
mA
A
MISCELLANEOUS PERFORMANCE
input capacitance
1
2
2
2
pF
input resistance
700
500
450
360
k
output impedance
@DC
0.07
0.15
0.24
0.7
input voltage range, high
3.7
3.45
3.25
3.15
V
input voltage range, low
0
0
0
0
V
output voltage range, high
RL = 150Ω
4.5
4.35
4.3
4.2
V
output voltage range, low
RL = 150Ω
0.35
0.5
0.5
0.55
V
output voltage range, high
no load
4.8
4.6
4.55
4.45
V
output voltage range, low
no load
0.45
0.65
0.7
0.75
V
output current
source
60
50
40
34
mA
output current
sink
36
20
16
10
mA
supply voltage, maximum
7
7
7
V
1
supply voltage, minimum
4
4
4
V
1
transistor count = 124
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Electrical Characteristics (Vs = +5V1, Vcm = +2.5V, Av = +2, R
f = 250W, RL = 150W to GND; unless specified)
Absolute Maximum Ratings
supply voltage (Vs)
+7V
Iout is short circuit protected to ground
common-mode input voltage
VEE to VCC
maximum junction temperature
+175˚C
storage temperature range
-65˚C to +150˚C
lead temperature (soldering 10 sec)
+260˚C
differential input voltage
±2V
ESD tolerance (Note 3)
2000V
Notes
A) J-level: spec is 100% tested at 25°C, sample tested at 85°C.
B) J-level: spec is sample tested at 25°C.
1) Vs = VCC – VEE.
2) Tested with RL tied to +2.5V.
3) Human body model, 1.5k
Ω in series with 100pF.


Similar Part No. - CLC427

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC420 NSC-CLC420 Datasheet
286Kb / 10P
   High-Speed, Voltage Feedback Op Amp
CLC420AJE NSC-CLC420AJE Datasheet
286Kb / 10P
   High-Speed, Voltage Feedback Op Amp
CLC420AJE-TR13 NSC-CLC420AJE-TR13 Datasheet
286Kb / 10P
   High-Speed, Voltage Feedback Op Amp
CLC420AJP NSC-CLC420AJP Datasheet
286Kb / 10P
   High-Speed, Voltage Feedback Op Amp
CLC423 NSC-CLC423 Datasheet
131Kb / 8P
   Comlinear CLC423 94MHz, Single Supply Voltage Feedback Op Amp
More results

Similar Description - CLC427

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC372CDRG4 TI1-TLC372CDRG4 Datasheet
1Mb / 26P
[Old version datasheet]   Single or Dual-Supply Operation
logo
Maxim Integrated Produc...
MAX41400EVKIT MAXIM-MAX41400EVKIT Datasheet
398Kb / 7P
   Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
logo
Holt Integrated Circuit...
HI-8437 HOLTIC-HI-8437 Datasheet
147Kb / 21P
   Single Low Voltage Supply Operation
logo
Cadeka Microcircuits LL...
CLC1006 CADEKA-CLC1006 Datasheet
1Mb / 16P
   Single, 500MHz Voltage Feedback Amplifier
logo
Exar Corporation
CLC1006 EXAR-CLC1006 Datasheet
1Mb / 16P
   Single, 500MHz Voltage Feedback Amplifier
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E Datasheet
347Kb / 14P
   Supports single and dual supply operation
Rev. C, 23-Jan-17
logo
Texas Instruments
OPA2652 TI1-OPA2652 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
MAX4313EVKIT MAXIM-MAX4313EVKIT Datasheet
112Kb / 4P
   Single-Supply Operation
Rev 1; 4/99
logo
New Japan Radio
NJM12904M NJRC-NJM12904M Datasheet
179Kb / 8P
   SINGLE SUPPLY DUAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com