Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DPX205850DT-9038A1-H Datasheet(PDF) 4 Page - TDK Electronics

Part No. DPX205850DT-9038A1-H
Description  Multilayer Diplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DPX205850DT-9038A1-H Datasheet(HTML) 4 Page - TDK Electronics

  DPX205850DT-9038A1-H Datasheet HTML 1Page - TDK Electronics DPX205850DT-9038A1-H Datasheet HTML 2Page - TDK Electronics DPX205850DT-9038A1-H Datasheet HTML 3Page - TDK Electronics DPX205850DT-9038A1-H Datasheet HTML 4Page - TDK Electronics DPX205850DT-9038A1-H Datasheet HTML 5Page - TDK Electronics DPX205850DT-9038A1-H Datasheet HTML 6Page - TDK Electronics DPX205850DT-9038A1-H Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150701 / rf_dpx_dpx205850dt-9038a1-h_en.fm
20150701 / rf_dpx_dpx205850dt-9038a1-h_en.fm
DPX205850DT-9038A1-H
FREQUENCY CHARACTERISTICS
LOW-BAND
Insertion Loss
Return Loss
Attenuation
HIGH-BAND
Insertion Loss
Return Loss
Attenuation
4
2
1
3
0
5
Frequency(MHz)
2000
2200
2400
2600
2800
3000
0
20
10
50
40
30
Frequency(MHz)
2000
2200
2400
2600
2800
3000
20
10
0
60
50
40
30
Frequency(MHz)
1000
3000
5000
2000
4000
6000
7000
8000
9000
Frequency(MHz)
4000
4500
5000
5500
6500
7000
6000
4
2
1
3
0
5
20
10
0
50
40
30
Frequency(MHz)
4000
4500
5000
5500
6500
7000
6000
20
10
0
60
50
40
30
Frequency(MHz)
2000
4000
6000
8000
14000
10000
12000


Similar Part No. - DPX205850DT-9038A1-H

ManufacturerPart No.DatasheetDescription
TDK Electronics
TDK Electronics
DPX205850DT-4032A1 TDK-DPX205850DT-4032A1 Datasheet
81Kb / 7P
   Multilayer Diplexer
DPX205850DT-4043A1 TDK-DPX205850DT-4043A1 Datasheet
186Kb / 11P
   Multilayer Diplexers For 2.4/5.0 GHz W-LAN
DPX205850DT-4043A1 TDK-DPX205850DT-4043A1_16 Datasheet
79Kb / 7P
   Multilayer Diplexer
DPX205850DT-4052B2 TDK-DPX205850DT-4052B2 Datasheet
85Kb / 7P
   Multilayer Diplexer
DPX205850DT-4054B1 TDK-DPX205850DT-4054B1 Datasheet
87Kb / 7P
   Multilayer Diplexer
More results

Similar Description - DPX205850DT-9038A1-H

ManufacturerPart No.DatasheetDescription
TDK Electronics
TDK Electronics
DPX165850DT-8017A1 TDK-DPX165850DT-8017A1 Datasheet
80Kb / 7P
   Multilayer Diplexer
DPX165850DT-8033B1 TDK-DPX165850DT-8033B1 Datasheet
78Kb / 7P
   Multilayer Diplexer
DPX165950DT-8018A1 TDK-DPX165950DT-8018A1 Datasheet
86Kb / 7P
   Multilayer Diplexer
DPX165950DT-8026A1 TDK-DPX165950DT-8026A1 Datasheet
96Kb / 7P
   Multilayer Diplexer
DPX205850DT-4043A1 TDK-DPX205850DT-4043A1_16 Datasheet
79Kb / 7P
   Multilayer Diplexer
DPX252500DT-5217A1 TDK-DPX252500DT-5217A1 Datasheet
91Kb / 7P
   Multilayer Diplexer
DPX105950DT-6012A1 TDK-DPX105950DT-6012A1 Datasheet
86Kb / 8P
   Multilayer Diplexer
DPX162500DT-8028A1 TDK-DPX162500DT-8028A1 Datasheet
83Kb / 8P
   Multilayer Diplexer
DPX165850DT-8132A1 TDK-DPX165850DT-8132A1 Datasheet
85Kb / 7P
   Multilayer Diplexer
DPX165900DT-8025A1 TDK-DPX165900DT-8025A1 Datasheet
82Kb / 7P
   Multilayer Diplexer
DPX165900DT-8125A1 TDK-DPX165900DT-8125A1 Datasheet
94Kb / 7P
   Multilayer Diplexer
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz