Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFK600-D24-S12 Datasheet(PDF) 3 Page - CUI INC

Part # VFK600-D24-S12
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFK600-D24-S12 Datasheet(HTML) 3 Page - CUI INC

  VFK600-D24-S12 Datasheet HTML 1Page - CUI INC VFK600-D24-S12 Datasheet HTML 2Page - CUI INC VFK600-D24-S12 Datasheet HTML 3Page - CUI INC VFK600-D24-S12 Datasheet HTML 4Page - CUI INC VFK600-D24-S12 Datasheet HTML 5Page - CUI INC VFK600-D24-S12 Datasheet HTML 6Page - CUI INC VFK600-D24-S12 Datasheet HTML 7Page - CUI INC VFK600-D24-S12 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
cui.com
CUI Inc
│ SERIES: VFK600 │ DESCRIPTION: DC-DC CONVERTER
date 12/17/2013
│ page 3 of 8
199.14 7.840
4.50 0.177
( 4 PLCS)
116.68 4.594
130.00 5.118
1
2
3
4
5
6
39.12 1.540
111.29 4.381
126.75 4.990
7
8
9
10
11
12
13
14
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
85
°C
storage temperature
-55
105
°C
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
199.14 x 126.75 x 39.12 (7.84 x 4.99 x 1.54 inch)
mm
case material
steel and aluminum extrusion
weight
1.2
kg
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
FUNCTION
1, 2
+Vin
3
REM
4
case
5, 6
-Vin
7, 8
+Vo
9
+S
10
PC
11
Trim
12
-S
13, 14
-Vo
units: mm[inch]
tolerance: X.XX = ±0.5[±0.02]
X.XXX = ±0.25[±0.010]
wire range: 22~12 AWG
screw size: #6-32
For more information, please visit the product page.


Similar Part No. - VFK600-D24-S12

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFK600-D24-S12 CUI-VFK600-D24-S12 Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/13/2021
VFK600-D24-S12-DIN CUI-VFK600-D24-S12-DIN Datasheet
581Kb / 8P
   DC-DC CONVERTER
More results

Similar Description - VFK600-D24-S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com