Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY78027-12 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY78027-12
Description  Multimode Multiband Tx Front-End Module for Quad-Band GSM/GPRS/EDGE - WCDMA/HSPA/HSPA /LTE/CDMA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY78027-12 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY78027-12 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY78027-12 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT SUMMARY
SKY78027-12 SkyOne™ MULTIMODE MULTIBAND FEM for QUAD-BAND
GSM/GPRS/EDGE – WCDMA/HSPA/HSPA+/LTE/CDMA
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
May 28, 2014 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 203217A
Description
The SKY78027-12 SkyOne™ Multimode Multiband (MMMB)
Front-End Module (FEM) supports 2.5G, 3G/4G, and CDMA
handsets and operates efficiently in GSM, GPRS, EDGE, WCDMA,
HSPA, and LTE modes. The FEM consists of a GSM800/EGSM900
PA block, a DCS1800/PCS1900 PA block, separate WCDMA
blocks operating in the low and high bands, duplexers for bands
1, 2, 3, 5, and 8, a logic control block for multiple power control
levels, and band enable functions in both cellular and UMTS. RF
I/O ports internally matched to 50
Ω, minimize the need for
external components. Extremely low leakage current maximizes
handset standby time. The InGaP/GaAs die and passive
components are mounted on a multi-layer laminate substrate and
the assembly encapsulated in plastic over-mold.
Filter Integration: Duplexers for bands 1, 2, 3, 5, and 8 are
designed into the SKY78027-12. This produces a highly
integrated front-end solution wherein PA matching is
accomplished with pre- and post- duplexer matching circuits
which eliminates any required tuning outside the module. This
highly integrated solution significantly reduces time-to-market
and also provides the smallest RF footprint which yields more
space for form factor designers.
GSM/EDGE: The SKY78027-12 with new compact architecture,
supports the GSM850, EGSM900, DCS1800 and PCS1900 bands,
as well as 2.5G Class 12 Enhanced General Packet Radio Service
(EGPRS) multi-slot operation and EDGE linear modulation.
WCDMA: The SKY78027-12 enhanced architecture supports
WCDMA/High-Speed Downlink Packet Access (HSDPA) and High-
Speed Uplink Packet Access (HSUPA) modulations, covers
multiple bands for 3GPP including bands 1, 2, 3, 5, and 8, and
operates at different power modes. The module is fully
controllable via a MIPI serial interface.
LTE: SKY78027-12 meets spectral linearity requirements of LTE
modulation with QPSK/16QAM up to 20 MHz bandwidth, including
various resource block allocations with good power-added
efficiency.
CDMA: SKY78027-12 meets spectral linearity requirements of
CDMA 2K and EVDO Release A modulation with good power-
added efficiency.
Receiver Section: The integrated Duplexers, RX SAWs, and
SP16T SOI switch of the SKY78027-12 provide 2G/3G/4G Rx
paths from antenna to LNA port of RFIC. Additionally, GPS and
LB/HB WiFi coexistence are designed-in for exceptional support to
maintain all radio performance, even in user scenarios of
simultaneous use. Optimized low insertion-loss Rx paths,
matching circuits, and well-grounded guard traces (high Tx–Rx
isolation) inside the module mitigate de-sense problems and
enhance sensitivity performance.
TRx and RX Ports: The SKY78027-12 provides eight auxiliary
ports.
_____________________________________________________________________________________________________
Ordering Information
Product Name
Order Number
Evaluation Board Part Number
SKY78027-12 SkyOnemultimode multiband front-end module
SKY78027-12
EN40-D706-001
Copyright © 2014, Skyworks Solutions, Inc. All Rights Reserved.
Information in this document is provided in connection with Skyworks Solutions, Inc. (“Skyworks”) products or services. These materials, including the information contained herein, are provided by
Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the
information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to
update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes.
No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or
information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and Conditions of
Sale.
THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED “AS IS” WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A
PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY
DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS
SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION,
LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE
POSSIBILITY OF SUCH DAMAGE.
Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury,
death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any
damages resulting from such improper use or sale.
Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of
products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for
applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters.
Skyworks and the Skyworks symbol are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries. Third-party brands and names are for
identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are incorporated by
reference.


Similar Part No. - SKY78027-12

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY78027 SKYWORKS-SKY78027_12 Datasheet
105Kb / 2P
   Multimode Multiband Tx Front-End Module for Quad-Band GSM
More results

Similar Description - SKY78027-12

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY78011-21 SKYWORKS-SKY78011-21 Datasheet
88Kb / 2P
   Multiband Multimode Front-End Module for Quad-Band GSM / GPRS / EDGE - Penta-Band (Bands I, II, III, V, VIII) WCDMA / HSPA / HSPA / LTE
SKY78027 SKYWORKS-SKY78027_12 Datasheet
105Kb / 2P
   Multimode Multiband Tx Front-End Module for Quad-Band GSM
SKY78026 SKYWORKS-SKY78026 Datasheet
85Kb / 2P
   Multimode Multiband Tx Front-End Module for Quad-Band GSM
SKY78025 SKYWORKS-SKY78025 Datasheet
85Kb / 2P
   Multimode Multiband Tx Front-End Module for Quad-Band GSM
SKY78022 SKYWORKS-SKY78022 Datasheet
85Kb / 2P
   Multimode Multiband Tx Front-End Module for Quad-Band GSM
SKY78072 SKYWORKS-SKY78072 Datasheet
518Kb / 3P
   Multimode Multiband Front-End Module for Quad-Band GSM
SKY78070 SKYWORKS-SKY78070 Datasheet
517Kb / 3P
   Multimode Multiband Front-End Module for Quad-Band GSM
SKY78015 SKYWORKS-SKY78015 Datasheet
93Kb / 2P
   Multimode Multiband Front-End Module for Quad-Band GSM
SKY78071 SKYWORKS-SKY78071 Datasheet
96Kb / 3P
   Multimode Multiband Front-End Module for Quad-Band GSM
logo
TriQuint Semiconductor
TQM7M9053 TRIQUINT-TQM7M9053_15 Datasheet
213Kb / 1P
   Quad band GSM-EDGE and Tri-Band W/CDMA/HSPA/LTE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com