Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY81299-23 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY81299-23
Description  2.4 A Two-Channel Flash LED Driver with Control Interface
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY81299-23 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY81299-23 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY81299-23 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY81299-23 Datasheet HTML 3Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PRODUCT SUMMARY • SKY81299: 2.4 A TWO-CHANNEL FLASH LED DRIVER WITH I2C CONTROL INTERFACE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203795A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • December 8, 2015
3
Ordering Information
Model Name
Total Output Current
With VIN Monitor Function
With Blinking Function
Manufacturing Part Number
SKY81299-11
2.4 A
Yes
Yes
SKY81299-11-001
SKY81299-12
2.4 A
Yes
No
SKY81299-12-001
SKY81299-13
2.4 A
No
Yes
SKY81299-13-001
SKY81299-14
2.4 A
No
No
SKY81299-14-001
SKY81299-21
2 A
Yes
Yes
SKY81299-21-001
SKY81299-22
2 A
Yes
No
SKY81299-22-001
SKY81299-23
2 A
No
Yes
SKY81299-23-001
SKY81299-24
2 A
No
No
SKY81299-24-001
Copyright © 2015 Skyworks Solutions, Inc. All Rights Reserved.
Information in this document is provided in connection with Skyworks Solutions, Inc. (“Skyworks”) products or services. These materials, including the information contained herein, are provided by
Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the
information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to
update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes.
No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or
information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and Conditions of
Sale.
THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED “AS IS” WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A
PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY
DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS
SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION,
LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE
POSSIBILITY OF SUCH DAMAGE.
Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury,
death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any
damages resulting from such improper use or sale.
Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of
products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for
applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters.
Skyworks and the Skyworks symbol are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries. Third-party brands and names are for
identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are incorporated by
reference.


Similar Part No. - SKY81299-23

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY81298 SKYWORKS-SKY81298 Datasheet
259Kb / 3P
   2.4 A Three-Channel Flash LED Driver with Control Interface
SKY81298-11 SKYWORKS-SKY81298-11 Datasheet
259Kb / 3P
   2.4 A Three-Channel Flash LED Driver with Control Interface
SKY81298-12 SKYWORKS-SKY81298-12 Datasheet
259Kb / 3P
   2.4 A Three-Channel Flash LED Driver with Control Interface
SKY81298-13 SKYWORKS-SKY81298-13 Datasheet
259Kb / 3P
   2.4 A Three-Channel Flash LED Driver with Control Interface
SKY81298-14 SKYWORKS-SKY81298-14 Datasheet
259Kb / 3P
   2.4 A Three-Channel Flash LED Driver with Control Interface
More results

Similar Description - SKY81299-23

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY81298 SKYWORKS-SKY81298 Datasheet
259Kb / 3P
   2.4 A Three-Channel Flash LED Driver with Control Interface
logo
Kinetic Technologies.
KTD2684 KINETIC-KTD2684 Datasheet
105Kb / 2P
   Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2688 KINETIC-KTD2688 Datasheet
109Kb / 2P
   Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2682 KINETIC-KTD2682 Datasheet
105Kb / 2P
   Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
logo
Kinetic Technologies.
KTD2683B KINETIC-KTD2683B Datasheet
106Kb / 2P
   Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2686 KINETIC-KTD2686 Datasheet
101Kb / 2P
   Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
logo
Monolithic Power System...
MP3332 MPS-MP3332 Datasheet
1Mb / 27P
   Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com