Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFD2015-272ME_ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # PFD2015-272ME_
Description  Coupled Chip Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PFD2015-272ME_ Datasheet(HTML) 1 Page - Coilcraft lnc.

  PFD2015-272ME_ Datasheet HTML 1Page - Coilcraft lnc. PFD2015-272ME_ Datasheet HTML 2Page - Coilcraft lnc. PFD2015-272ME_ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
Document 1005F-1 Revised 09/08/15
Document 1005F-1
Dimensions are in
inches
mm
2
1
4
3
L1
L2
CoupledChipInductors PFD2015 ForFlyback,SEPIC,Zeta
and other applications
With a footprint of 2.2 × 1.45 mm, the PFD2015 is Coil-
craft’s smallest shielded coupled inductor. It is ideal for
use in a variety of circuits including flyback, multi-output
buck, SEPIC and Zeta.
These inductors provide high efficiency and excellent
current handling for parts this small.
They can also be used as two single inductors connected
in series or parallel, as common mode chokes or as
wideband transformers.
0.059
1,5
max
max
0.060
1,52
0.017
0,432
0.044
1,118
0.028
0,711
0.016
0,406
0.022
0,559
0.054
1,36
0.014 ±0.003
0,356 ±0,076
0.010
0,25
Recommended
Land Pattern
max
0.090
2,29
12
4
3
1
2
4
3
L1
L2
+
+
D
C
C
Typical Flyback Converter
VOUT
VIN
SW
L1
L2
++
+
––
D
D
C
C
SW
Typical Buck Converter with auxiliary output
VOUT
VOUT
AUX
VIN
Typical Zeta schematic
VOUT
VIN
L1
L2
Q
C1
CC
++
––
D
Typical SEPIC schematic
VOUT
VIN
L1
L2
Q
C1
C
C
++
––
D


Similar Part No. - PFD2015-272ME_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PFD2015-272MEB COILCRAFT-PFD2015-272MEB Datasheet
533Kb / 2P
   Wideband Transformers
PFD2015-272MEB COILCRAFT-PFD2015-272MEB Datasheet
529Kb / 2P
   Common Mode Chokes
PFD2015-272MEC COILCRAFT-PFD2015-272MEC Datasheet
533Kb / 2P
   Wideband Transformers
PFD2015-272MEC COILCRAFT-PFD2015-272MEC Datasheet
529Kb / 2P
   Common Mode Chokes
PFD2015-272MED COILCRAFT-PFD2015-272MED Datasheet
533Kb / 2P
   Wideband Transformers
More results

Similar Description - PFD2015-272ME_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PFD3215 COILCRAFT-PFD3215 Datasheet
165Kb / 3P
   Coupled Chip Inductors
LPR4012-202AML COILCRAFT-LPR4012-202AML Datasheet
210Kb / 2P
   Coupled Inductors
MSD1278T COILCRAFT-MSD1278T Datasheet
238Kb / 3P
   Coupled Inductors
LPD4012 COILCRAFT-LPD4012_15 Datasheet
413Kb / 3P
   Coupled Inductors
MSD1048 COILCRAFT-MSD1048 Datasheet
512Kb / 3P
   Coupled Inductors
MSD1260 COILCRAFT-MSD1260_15 Datasheet
513Kb / 3P
   Coupled Inductors
LPD5010 COILCRAFT-LPD5010 Datasheet
433Kb / 3P
   Coupled Inductors
LPD6235 COILCRAFT-LPD6235 Datasheet
453Kb / 3P
   Coupled Inductors
MSC1278 COILCRAFT-MSC1278 Datasheet
235Kb / 2P
   Coupled Inductors
MSD7342 COILCRAFT-MSD7342_15 Datasheet
431Kb / 3P
   Coupled Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com