Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR1075-171KE_ Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # SLR1075-171KE_
Description  Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SLR1075-171KE_ Datasheet(HTML) 3 Page - Coilcraft lnc.

  SLR1075-171KE_ Datasheet HTML 1Page - Coilcraft lnc. SLR1075-171KE_ Datasheet HTML 2Page - Coilcraft lnc. SLR1075-171KE_ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SLR1075 Shielded Power Inductors
Document 1306-3
Document 1306-3 Revised 12/22/15
L vs Current
0
120
80
40
160
Current (A)
020
10
40
30
60
50
100 110 120
80
90
70
at 25°C
at 100°C
at 125°C
120 nH
0
120
80
40
160
200
Current (A)
020
10
40
30
60
50
90
80
70
at 25°C
at 100°C
at 125°C
150 nH
0
120
60
180
240
Current (A)
020
10
40
30
60
50
80
70
at 25°C
at 100°C
at 125°C
170 µH
0
100
150
200
50
250
300
Current (A)
020
10
40
30
60
50
70
at 25°C
at 100°C
at 125°C
215 nH
0
120
180
240
60
300
360
Current (A)
0
10
520
15
30
25
50
55 60
40
45
35
at 25°C
at 100°C
at 125°C
230 nH
0
200
100
300
400
Current (A)
010
520
15
30
25
50
55 60
40
45
35
at 25°C
at 100°C
at 125°C
270 nH
0
200
100
300
400
Current (A)
010
520
15
30
25
50
40
45
35
at 25°C
at 100°C
at 125°C
300 nH


Similar Part No. - SLR1075-171KE_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SLR1070 COILCRAFT-SLR1070 Datasheet
215Kb / 3P
   Shielded Power Inductors
SLR1070-121KE_ COILCRAFT-SLR1070-121KE_ Datasheet
215Kb / 3P
   Shielded Power Inductors
SLR1070-141KE_ COILCRAFT-SLR1070-141KE_ Datasheet
215Kb / 3P
   Shielded Power Inductors
SLR1070-171KE_ COILCRAFT-SLR1070-171KE_ Datasheet
215Kb / 3P
   Shielded Power Inductors
SLR1070-221KE_ COILCRAFT-SLR1070-221KE_ Datasheet
215Kb / 3P
   Shielded Power Inductors
More results

Similar Description - SLR1075-171KE_

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com