Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIRP1608Q09-G0 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # HIRP1608Q09-G0
Description  SMD Type 850nm Infrared Emitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

HIRP1608Q09-G0 Datasheet(HTML) 1 Page - CT Micro International Corporation

  HIRP1608Q09-G0 Datasheet HTML 1Page - CT Micro International Corporation HIRP1608Q09-G0 Datasheet HTML 2Page - CT Micro International Corporation HIRP1608Q09-G0 Datasheet HTML 3Page - CT Micro International Corporation HIRP1608Q09-G0 Datasheet HTML 4Page - CT Micro International Corporation HIRP1608Q09-G0 Datasheet HTML 5Page - CT Micro International Corporation HIRP1608Q09-G0 Datasheet HTML 6Page - CT Micro International Corporation HIRP1608Q09-G0 Datasheet HTML 7Page - CT Micro International Corporation HIRP1608Q09-G0 Datasheet HTML 8Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CT Micro
Rev 0.2(Preliminary)
Proprietary & Confidential
Page 1
Nov, 2014
HIRP1608Q09-G0
SMD Type 850nm Infrared Emitter
Package Outline
Schematic
Features
Small double-end package
Viewing Angle =
300
High reliability
Good spectral matching to Si photo detector
RoHS compliance
Applications
Infrared sensor
Description
The HIRP1608Q09-G0 is a GaAlAs infrared LED
housed in a miniature SMD package. The device
has a peak wavelength of 850nm LED spectrally
matched with phototransistor or photodiode.
Anode
Cathode


Similar Part No. - HIRP1608Q09-G0

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
HIRP1608Q09-H5 CTMICRO-HIRP1608Q09-H5 Datasheet
869Kb / 9P
   SMD Type 850nm Infrared Emitter
More results

Similar Description - HIRP1608Q09-G0

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
HIRP2013X10-B40 CTMICRO-HIRP2013X10-B40 Datasheet
788Kb / 9P
   SMD Type 850nm Infrared Emitter
HIRP1608Q09-H5 CTMICRO-HIRP1608Q09-H5 Datasheet
869Kb / 9P
   SMD Type 850nm Infrared Emitter
HIRP3010Q20-B30 CTMICRO-HIRP3010Q20-B30 Datasheet
965Kb / 8P
   SMD Type 850nm Infrared Emitter
HIRC3020Q13-B20 CTMICRO-HIRC3020Q13-B20 Datasheet
772Kb / 8P
   SMD Type 850nm Infrared Emitter
HIRP1608W11-B10 CTMICRO-HIRP1608W11-B10 Datasheet
1,001Kb / 9P
   SMD Type 850nm Infrared Emitter
HIRP1608XS08-B30 CTMICRO-HIRP1608XS08-B30 Datasheet
937Kb / 9P
   SMD Type 850nm Infrared Emitter
HIRP1608Q06-B30 CTMICRO-HIRP1608Q06-B30 Datasheet
815Kb / 8P
   SMD Type 850nm Infrared Emitter
HIRC3528Q19-B20 CTMICRO-HIRC3528Q19-B20 Datasheet
729Kb / 8P
   SMD Type 850nm Infrared Emitter
HIRP3015Q12-K6 CTMICRO-HIRP3015Q12-K6 Datasheet
844Kb / 10P
   SMD Type 850nm Infrared Emitter
HIRP2406W14-B10 CTMICRO-HIRP2406W14-B10 Datasheet
964Kb / 9P
   SMD Type 850nm Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com