Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IR500N-E0 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # IR500N-E0
Description  5mm Lamp Type 940nm Infrared Emitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

IR500N-E0 Datasheet(HTML) 1 Page - CT Micro International Corporation

  IR500N-E0 Datasheet HTML 1Page - CT Micro International Corporation IR500N-E0 Datasheet HTML 2Page - CT Micro International Corporation IR500N-E0 Datasheet HTML 3Page - CT Micro International Corporation IR500N-E0 Datasheet HTML 4Page - CT Micro International Corporation IR500N-E0 Datasheet HTML 5Page - CT Micro International Corporation IR500N-E0 Datasheet HTML 6Page - CT Micro International Corporation IR500N-E0 Datasheet HTML 7Page - CT Micro International Corporation IR500N-E0 Datasheet HTML 8Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 1
May, 2014
IR500N-E0
5mm Lamp Type 940nm Infrared Emitter
Package Outline
Schematic
Features
High radiant intensity
Viewing Angle =
200
High reliability
Good spectral matching to Si photo detector
RoHS compliance
Applications
Infrared sensor
Remote control
Description
The IR500N-E0 is a GaAlAs infrared LED diode.
The device has a peak wavelength of 940nm LED
spectrally matched with phototransistor or
photodiode.
Cathode
Anode


Similar Part No. - IR500N-E0

ManufacturerPart #DatasheetDescription
CT Micro International Corporation
CT Micro International ...
IR500N-C0 CTMICRO-IR500N-C0 Datasheet
785Kb / 8P
   5mm Lamp Type 940nm Infrared Emitter
IR500N-D0 CTMICRO-IR500N-D0 Datasheet
783Kb / 8P
   5mm Lamp Type 940nm Infrared Emitter
More results

Similar Description - IR500N-E0

ManufacturerPart #DatasheetDescription
CT Micro International Corporation
CT Micro International ...
IR500N-C0 CTMICRO-IR500N-C0 Datasheet
785Kb / 8P
   5mm Lamp Type 940nm Infrared Emitter
IR500N-D0 CTMICRO-IR500N-D0 Datasheet
783Kb / 8P
   5mm Lamp Type 940nm Infrared Emitter
IR300N-D0 CTMICRO-IR300N-D0 Datasheet
788Kb / 8P
   3mm Lamp Type 940nm Infrared Emitter
IRC3020N13-B20 CTMICRO-IRC3020N13-B20 Datasheet
768Kb / 8P
   SMD Type 940nm Infrared Emitter
IRP3016W24-G0 CTMICRO-IRP3016W24-G0 Datasheet
839Kb / 8P
   SMD Type 940nm Infrared Emitter
IRP3216N18-D0 CTMICRO-IRP3216N18-D0 Datasheet
856Kb / 9P
   SMD Type 940nm Infrared Emitter
IRP1608Q06-B30 CTMICRO-IRP1608Q06-B30 Datasheet
778Kb / 9P
   SMD Type 940nm Infrared Emitter
IRP2406W14-B10 CTMICRO-IRP2406W14-B10 Datasheet
960Kb / 8P
   SMD Type 940nm Infrared Emitter
IRC3528Q19-B20 CTMICRO-IRC3528Q19-B20 Datasheet
737Kb / 8P
   SMD Type 940nm Infrared Emitter
IRP3015W12-J5 CTMICRO-IRP3015W12-J5 Datasheet
853Kb / 9P
   SMD Type 940nm Infrared Emitter
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com