Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRP3010M20-B60 Datasheet(PDF) 2 Page - CT Micro International Corporation

Part # IRP3010M20-B60
Description  SMD Type 940nm Infrared Emitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

IRP3010M20-B60 Datasheet(HTML) 2 Page - CT Micro International Corporation

  IRP3010M20-B60 Datasheet HTML 1Page - CT Micro International Corporation IRP3010M20-B60 Datasheet HTML 2Page - CT Micro International Corporation IRP3010M20-B60 Datasheet HTML 3Page - CT Micro International Corporation IRP3010M20-B60 Datasheet HTML 4Page - CT Micro International Corporation IRP3010M20-B60 Datasheet HTML 5Page - CT Micro International Corporation IRP3010M20-B60 Datasheet HTML 6Page - CT Micro International Corporation IRP3010M20-B60 Datasheet HTML 7Page - CT Micro International Corporation IRP3010M20-B60 Datasheet HTML 8Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 2
Jan, 2014
IRP3010M20-B60
SMD Type 940nm Infrared Emitter
Absolute Maximum Rating at 250C
Symbol
Parameters
Ratings
Units
Notes
IF
Continuous Forward Current
70
mA
IFP
Peak Forward Current
1.0
A
1
VR
Reverse Voltage
5
V
Topr
Operating Temperature
-40 ~ +85
0C
Tstg
Storage Temperature
-40 ~ +100
0C
Tsol
Soldering Temperature
260
0C
2
PD
Power Dissipation at(or below) 25℃Free Air Temperature
119
mW
Electro-Optical Characteristics TA = 25°C (unless otherwise specified)
Optical Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
Ie
Radiant Intensity
IF=20mA
0.5
0.85
-
mW/sr
IF =70mA
-
3.0
-
λp
Peak Wavelength
IF=20mA
-
940
-
nm
Δλ
Spectral Bandwidth
IF=20mA
-
50
-
nm
θ1/2
Angle of Half Intensity (X)
IF=20mA
-
80
-
deg
3
Angle of Half Intensity (Y)
-
75
-
Electrical Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward Voltage
IF=20mA
1.0
1.2
1.5
V
IF=70mA
1.1
1.34
1.7
IR
Reverse Current
VR=5V
-
-
10
μA
Notes:
1 : IFP Conditions--Pulse Width≦
100μs and Duty≦ 1%.
2 : Soldering time≦5 seconds.
3 : Test condition :


Similar Part No. - IRP3010M20-B60

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
IRP3012Q24-E5 CTMICRO-IRP3012Q24-E5 Datasheet
988Kb / 9P
   SMD Type 940nm Infrared Emitter
IRP3012V24-E5 CTMICRO-IRP3012V24-E5 Datasheet
975Kb / 8P
   SMD Type 940nm Infrared Emitter
IRP3012W24-F2 CTMICRO-IRP3012W24-F2 Datasheet
993Kb / 9P
   SMD Type 940nm Infrared Emitter
IRP3015W12-J5 CTMICRO-IRP3015W12-J5 Datasheet
853Kb / 9P
   SMD Type 940nm Infrared Emitter
IRP3016V24-E5 CTMICRO-IRP3016V24-E5 Datasheet
875Kb / 8P
   SMD Type 940nm Infrared Emitter
More results

Similar Description - IRP3010M20-B60

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
IRC3528Q19-B20 CTMICRO-IRC3528Q19-B20 Datasheet
737Kb / 8P
   SMD Type 940nm Infrared Emitter
IRP2406W14-B10 CTMICRO-IRP2406W14-B10 Datasheet
960Kb / 8P
   SMD Type 940nm Infrared Emitter
IRP3015W12-J5 CTMICRO-IRP3015W12-J5 Datasheet
853Kb / 9P
   SMD Type 940nm Infrared Emitter
IRP3012V24-E5 CTMICRO-IRP3012V24-E5 Datasheet
975Kb / 8P
   SMD Type 940nm Infrared Emitter
IRP1608Q09-G0 CTMICRO-IRP1608Q09-G0 Datasheet
869Kb / 8P
   SMD Type 940nm Infrared Emitter
IRP3012W24-F2 CTMICRO-IRP3012W24-F2 Datasheet
993Kb / 9P
   SMD Type 940nm Infrared Emitter
IRP3016X24-F0 CTMICRO-IRP3016X24-F0 Datasheet
822Kb / 9P
   SMD Type 940nm Infrared Emitter
IRP3012Q24-E5 CTMICRO-IRP3012Q24-E5 Datasheet
988Kb / 9P
   SMD Type 940nm Infrared Emitter
IRP3016W24-G0 CTMICRO-IRP3016W24-G0 Datasheet
839Kb / 8P
   SMD Type 940nm Infrared Emitter
IRC3020N13-B20 CTMICRO-IRC3020N13-B20 Datasheet
768Kb / 8P
   SMD Type 940nm Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com