Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39881B9867P810 Datasheet(PDF) 2 Page - TDK Electronics

Part # B39881B9867P810
Description  SAW Rx filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39881B9867P810 Datasheet(HTML) 2 Page - TDK Electronics

  B39881B9867P810 Datasheet HTML 1Page - TDK Electronics B39881B9867P810 Datasheet HTML 2Page - TDK Electronics B39881B9867P810 Datasheet HTML 3Page - TDK Electronics B39881B9867P810 Datasheet HTML 4Page - TDK Electronics B39881B9867P810 Datasheet HTML 5Page - TDK Electronics B39881B9867P810 Datasheet HTML 6Page - TDK Electronics B39881B9867P810 Datasheet HTML 7Page - TDK Electronics B39881B9867P810 Datasheet HTML 8Page - TDK Electronics B39881B9867P810 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
March 22, 2012
B9867
881.5 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx filter
Data sheet
Application
s
Low-loss RF filter for mobile telephone
WCDMA Band V and GSM 850 systems, receive
path (RX)
s
Suitable for diversity applications
s
Very high TX supression
s
Impedance transformation from 50
Ω to 100 Ω
s
Unbalanced to balanced operation
s
Usable passband 25 MHz
s
Suitable for GPRS class 1 to 12
Features
s
Package size 1.1 x0.9 x 0.4 mm3
s
RoHS compatible
s
Approx. weight 0.001g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Moisture Sensitive Level 3
side view
top view
1.1
4
5
2
3
0.385
0.385
0.18
bottom view
Pin configuration
s
1
Input, unbalanced
s
3,4
Output, balanced
s
2,5
To be grounded
1
4
3
2,5


Similar Part No. - B39881B9867P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39881B9844P810 TDK-B39881B9844P810 Datasheet
186Kb / 13P
   SAW Rx Filter
B39881B9851P810 TDK-B39881B9851P810 Datasheet
128Kb / 8P
   Saw Rx Filter
B39881B9857P810 TDK-B39881B9857P810 Datasheet
182Kb / 8P
   SAW Rx Filter
More results

Similar Description - B39881B9867P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B5064U410 TDK-B39202B5064U410 Datasheet
252Kb / 12P
   SAW Rx filter
B39202B5072U410 TDK-B39202B5072U410 Datasheet
108Kb / 8P
   SAW Rx filter
B39881B4303F210 TDK-B39881B4303F210 Datasheet
134Kb / 10P
   SAW Rx filter
B39941B9853P810 TDK-B39941B9853P810 Datasheet
111Kb / 8P
   SAW Rx Filter
B39881B9851P810 TDK-B39881B9851P810 Datasheet
128Kb / 8P
   Saw Rx Filter
B39172B3832U410 TDK-B39172B3832U410 Datasheet
94Kb / 8P
   SAW Rx filter
B39881B4324P810 TDK-B39881B4324P810 Datasheet
99Kb / 8P
   SAW Rx Filter
B39941B4323P810 TDK-B39941B4323P810 Datasheet
151Kb / 10P
   SAW Rx filter
B39941B9845P810 TDK-B39941B9845P810 Datasheet
195Kb / 14P
   SAW Rx filter
B39881B9844P810 TDK-B39881B9844P810 Datasheet
186Kb / 13P
   SAW Rx Filter
B39881B9857P810 TDK-B39881B9857P810 Datasheet
182Kb / 8P
   SAW Rx Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com