Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150120AS75000 Datasheet(PDF) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 150120AS75000
Description  WL-SMCW SMD chip LED top view monocolor waterclear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

150120AS75000 Datasheet(HTML) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  150120AS75000 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 150120AS75000 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 150120AS75000 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 150120AS75000 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 150120AS75000 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 150120AS75000 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 150120AS75000 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 150120AS75000 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 150120AS75000 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2.7
2.6
2.5
2.4
2.3
2.2
2.1
REV
2015-03-23
2014-03-13
2013-12-09
2013-10-08
2013-09-10
2013-04-10
2012-12-10
DATE
SSt
SSt
SSt
SSt
SSt
SSt
SSt
BY
HOe
SSt
HOe
HOe
SSt
SSt
SSt
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WL-SMCW SMD chip LED top view mono-
color waterclear
Order.- No.
150120AS75000
SIZE
A4
Size: 1206
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profile:
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Applied cycles
Pb-Free Assembly
150°C
200°C
120 seconds max.
3°C/ second max.
217°C
60 seconds max.
250°C max.
10 seconds max.
6°C/ second max.
220 seconds max.
2 cycles max.
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 150120AS75000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
150120BS75000 WURTH-150120BS75000 Datasheet
2Mb / 9P
   WL-SMCW SMD chip LED top view monocolor waterclear
150120BS87000 WURTH-150120BS87000 Datasheet
1Mb / 9P
   WL-SMCW SMT Mono-Color Chip LED Waterclear
001.002
150120GS75000 WURTH-150120GS75000 Datasheet
2Mb / 9P
   WL-SMCW SMD chip LED top view monocolor waterclear
150120GS87000 WURTH-150120GS87000 Datasheet
1Mb / 9P
   WL-SMCW SMT Mono-Color Chip LED Waterclear
001.001
150120M173000 WURTH-150120M173000 Datasheet
892Kb / 8P
   WL-SFCW SMT Full-color Chip LED Waterclear
001.001
More results

Similar Description - 150120AS75000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
150120RS75000 WURTH-150120RS75000 Datasheet
2Mb / 9P
   WL-SMCW SMD chip LED top view monocolor waterclear
150080YS75000 WURTH-150080YS75000 Datasheet
2Mb / 9P
   WL-SMCW SMD chip LED top view monocolor waterclear
150060SS75000 WURTH-150060SS75000 Datasheet
2Mb / 9P
   WL-SMCW SMD chip LED top view monocolor waterclear
150080SS75000 WURTH-150080SS75000 Datasheet
2Mb / 9P
   WL-SMCW SMD chip LED top view monocolor waterclear
150060RS75000 WURTH-150060RS75000 Datasheet
2Mb / 9P
   WL-SMCW SMD chip LED top view monocolor waterclear
150120GS75000 WURTH-150120GS75000 Datasheet
2Mb / 9P
   WL-SMCW SMD chip LED top view monocolor waterclear
150080VS75000 WURTH-150080VS75000 Datasheet
2Mb / 9P
   WL-SMCW SMD chip LED top view monocolor waterclear
150120YS75000 WURTH-150120YS75000 Datasheet
2Mb / 9P
   WL-SMCW SMD chip LED top view monocolor waterclear
150060VS75000 WURTH-150060VS75000 Datasheet
2Mb / 9P
   WL-SMCW SMD chip LED top view monocolor waterclear
150080BS75000 WURTH-150080BS75000 Datasheet
2Mb / 9P
   WL-SMCW SMD chip LED top view monocolor waterclear
150080GS75000 WURTH-150080GS75000 Datasheet
2Mb / 9P
   WL-SMCW SMD chip LED top view monocolor waterclear
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com