Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39941B4323P810 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39941B4323P810
Description  SAW Rx filter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39941B4323P810 Datasheet(HTML) 3 Page - TDK Electronics

  B39941B4323P810 Datasheet HTML 1Page - TDK Electronics B39941B4323P810 Datasheet HTML 2Page - TDK Electronics B39941B4323P810 Datasheet HTML 3Page - TDK Electronics B39941B4323P810 Datasheet HTML 4Page - TDK Electronics B39941B4323P810 Datasheet HTML 5Page - TDK Electronics B39941B4323P810 Datasheet HTML 6Page - TDK Electronics B39941B4323P810 Datasheet HTML 7Page - TDK Electronics B39941B4323P810 Datasheet HTML 8Page - TDK Electronics B39941B4323P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
August 13, 2013
B4323
942.5 MHz
SAW Components
SAW Rx filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Terminating source impedance:
ZS =50Ω
Terminating load impedance:
ZL = 100 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
942.5
MHz
Maximum insertion attenuation
@f
Carrier Bd 8 RX
927.4
...
957.6
MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (4).
2.1
2.8
dB
@f
Carrier Bd 8 RX
925.7
...
959.3
MHz
α
LTE
2)
2) Attenuation of LTE signal (“Powertransferfunction”). Please refer to annotation on page (4).
2.3
3.6
dB
925.0
...
960.0
MHz
α
GSM
2.5
4.0
dB
Amplitude ripple (p-p)
925.0
...
960.0
MHz
∆α
1.5
2.8
dB
Error Vector Magnitude3)
3) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141.
@f
Carrier Bd 8 RX
927.4
...
957.6
MHz EVM
3.2
6.2
%
Input VSWR
925.0
...
960.0
MHz
1.8
2.3
Output VSWR
925.0
...
960.0
MHz
1.9
2.4
CMRR (|S21-S31| / |S21+S31|)
925.0
...
960.0
MHz
18
234)
4) A CMRR of 22.8 dB corresponds to a phase balance of 5
˚ togeher an amplitude balance of 1.0 dB
dB
Attenuation
α
50.0
...
880.0
MHz
42
55
dB
@f
Carrier Bd 8 TX
882.4
...
912.6
MHz
α
WCDMA
2)
42
47
dB
@f
Carrier Bd 8 TX
880.7
...
914.3
MHz
α
LTE
3)
39
44
dB
880.0
...
915.0
MHz
α
GSM
35
44
dB
980.0
... 1045.0
MHz
21
25
dB
1045.0
... 1700.0
MHz
35
50
dB
1700.0
... 2600.0
MHz
45
62
dB
2600.0
... 2682.0
MHz
50
60
dB
2682.0
... 4345.0
MHz
44
56
dB
4345.0
... 4470.0
MHz
45
58
dB
4470.0
... 6000.0
MHz
48
55
dB


Similar Part No. - B39941B4323P810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39941B4304F210 EPCOS-B39941B4304F210 Datasheet
101Kb / 8P
   SAW Rx filter Automotive telematics
logo
TDK Electronics
B39941B4304F210 TDK-B39941B4304F210 Datasheet
127Kb / 9P
   SAW Rx filter
B39941B4380P810 TDK-B39941B4380P810 Datasheet
125Kb / 11P
   SAW filters for automotive electronics
More results

Similar Description - B39941B4323P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B5064U410 TDK-B39202B5064U410 Datasheet
252Kb / 12P
   SAW Rx filter
B39202B5072U410 TDK-B39202B5072U410 Datasheet
108Kb / 8P
   SAW Rx filter
B39881B4303F210 TDK-B39881B4303F210 Datasheet
134Kb / 10P
   SAW Rx filter
B39941B9853P810 TDK-B39941B9853P810 Datasheet
111Kb / 8P
   SAW Rx Filter
B39881B9851P810 TDK-B39881B9851P810 Datasheet
128Kb / 8P
   Saw Rx Filter
B39172B3832U410 TDK-B39172B3832U410 Datasheet
94Kb / 8P
   SAW Rx filter
B39881B4324P810 TDK-B39881B4324P810 Datasheet
99Kb / 8P
   SAW Rx Filter
B39941B9845P810 TDK-B39941B9845P810 Datasheet
195Kb / 14P
   SAW Rx filter
B39881B9844P810 TDK-B39881B9844P810 Datasheet
186Kb / 13P
   SAW Rx Filter
B39881B9857P810 TDK-B39881B9857P810 Datasheet
182Kb / 8P
   SAW Rx Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com