Electronic Components Datasheet Search |
|
158302250 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
158302250 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
1 / 9 page 2.1 2.0 1.1 1.0 REV 2015-03-23 2014-11-10 2014-06-03 2014-01-30 DATE SSt SSt SSt SSt BY HOe ZAn PLD PLD CHECKED Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com DESCRIPTION WL-SWTP SMD White Top View PLCC LED Order.- No. 158302250 SIZE A4 Size: 3022 A Dimensions: [mm] Optical Properties: Properties Chip Technology Emitting Color Lens Type Value InGaN Daylight Top LED B Recommended land pattern: [mm] C Schematic: D Absolute Maximum Ratings (Ambient Temperature 25°C): Properties Power dissipation Peak Forward Current Continuous Forward Current Reverse Voltage ESD Threshold/ Human Body Modell Absolute thermal resistance junction to solder point Junction temperature Test condi- tions duty/10 @1kHz PDiss IF Peak IF VRev VESD RθJS Tj Value 297 100 85 5 2000 38 130 Unit mW mA mA V V K/ W °C E General information: •Operating temperature: -40°C to +85°C •Storage temperature (on tape & reel): -40°C to +85°C; 60% RH max. •Moisture Sensitivity Level (MSL): 3 This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
Similar Part No. - 158302250 |
|
Similar Description - 158302250 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |