Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC88FC3H0AUTJ-2H Datasheet(PDF) 9 Page - ON Semiconductor

Part # LC88FC3H0AUTJ-2H
Description  16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC3H0AUTJ-2H Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LC88FC3H0AUTJ-2H Datasheet HTML 5Page - ON Semiconductor LC88FC3H0AUTJ-2H Datasheet HTML 6Page - ON Semiconductor LC88FC3H0AUTJ-2H Datasheet HTML 7Page - ON Semiconductor LC88FC3H0AUTJ-2H Datasheet HTML 8Page - ON Semiconductor LC88FC3H0AUTJ-2H Datasheet HTML 9Page - ON Semiconductor LC88FC3H0AUTJ-2H Datasheet HTML 10Page - ON Semiconductor LC88FC3H0AUTJ-2H Datasheet HTML 11Page - ON Semiconductor LC88FC3H0AUTJ-2H Datasheet HTML 12Page - ON Semiconductor LC88FC3H0AUTJ-2H Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
LC88FC3H0A
www.onsemi.com
9
Pin Assignment
TQFP100,14×14 (Pb-Free and Halogen Free type)
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
P41/INT7
P42
P43/SO1
P44/SI1/SB1
P45/SCK1
P46/PWM0A
P47/PWM0B
P27
P26/T5O
P25/T4O
P24/SM0DO
P23/SM0DA
P22/SM0CK
VDD2
VSS2
P21/INT5
P20/INT4
PD5
PD4
PD3
PD2
PD1
PD0
P17/U2TX
P16/U2RX
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
PB6/SM1DO
P70/AN8
P71/AN9
P72/AN10
P73/AN11
P74/AN12
P75/AN13
P76/AN14
P77/AN15
VSS4
VDD4
PA0/SO4
PA1/SI4/SB4
PA2SCK4
PA3/SCS4
PA4/SL0CK
PA5/SL0DA
PA6/SL0DO
PA7
PC2/FILT
P50/P5INT0
P51/P5INT1
P52/P5INT2
P53/P5INT3
P54/P5INT4
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
Top view
LC88FC3H0A


Similar Part No. - LC88FC3H0AUTJ-2H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3J0AUTJ-2H ONSEMI-LC88FC3J0AUTJ-2H Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3K0A ONSEMI-LC88FC3K0A Datasheet
418Kb / 48P
   16-bit Microcontroller
September 2015 - Rev. 0
More results

Similar Description - LC88FC3H0AUTJ-2H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC2D0B ONSEMI-LC88FC2D0B Datasheet
453Kb / 47P
   16-bit Microcontroller 256K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC2F0B ONSEMI-LC88FC2F0B Datasheet
453Kb / 47P
   16-bit Microcontroller 384K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
logo
STMicroelectronics
ST10F280-AB STMICROELECTRONICS-ST10F280-AB Datasheet
31Kb / 4P
   16-Bit MCU with 512K Byte FLASH and 18K Byte RAM Memories
ST10F280 STMICROELECTRONICS-ST10F280 Datasheet
1Mb / 186P
   16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
logo
Sanyo Semicon Device
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
logo
STMicroelectronics
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
   16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
logo
Sanyo Semicon Device
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com