Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP43080QDR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP43080QDR2G
Description  Synchronous Rectifier Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP43080QDR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP43080QDR2G Datasheet HTML 4Page - ON Semiconductor NCP43080QDR2G Datasheet HTML 5Page - ON Semiconductor NCP43080QDR2G Datasheet HTML 6Page - ON Semiconductor NCP43080QDR2G Datasheet HTML 7Page - ON Semiconductor NCP43080QDR2G Datasheet HTML 8Page - ON Semiconductor NCP43080QDR2G Datasheet HTML 9Page - ON Semiconductor NCP43080QDR2G Datasheet HTML 10Page - ON Semiconductor NCP43080QDR2G Datasheet HTML 11Page - ON Semiconductor NCP43080QDR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
NCP43080
www.onsemi.com
8
ELECTRICAL CHARACTERISTICS
−40
°C ≤ TJ ≤ 125°C; VCC = 12 V; CDRV = 0 nF; RMIN_TON = RMIN_TOFF = 10 kW; VLLD = 0 V; VCS = −1 to +4 V; fCS = 100 kHz, DCCS =
50%, unless otherwise noted. Typical values are at TJ = +25°C
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
MAXIMUM tON ADJUST
Maximum tON Time
VMAX_TON = 3 V
tON_MAX
4.3
4.8
5.3
ms
Maximum tON Time
VMAX_TON = 0.3 V
tON_MAX
41
48
55
ms
Maximum tON Output Current
VMAX_TON = 0.3 V, VCS = 0 V
IMAX_TON
−105
−100
−95
mA
LLD INPUT
Disable Threshold
VLLD_DIS = VCC − VLLD
VLLD_DIS
0.8
0.9
1.0
V
Recovery Threshold
VLLD_REC = VCC − VLLD
VLLD_REC
0.9
1.0
1.1
V
Disable Hysteresis
VLLD_DISH
0.1
V
Disable Time Hysteresis
Disable to Normal, Normal to Disable
tLLD_DISH
45
ms
Disable Recovery Time
tLLD_DIS_REC
7.0
12.5
16.0
ms
Low Pass Filter Frequency
fLPLLD
6
10
13
kHz
Driver Voltage Clamp Threshold
VDRV = VDRVMAX, VLLDMAX = VCC − VLLD
VLLDMAX
2.0
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
TYPICAL CHARACTERISTICS
Figure 7. VCCON and VCCOFF Levels,
ver. A, D, Q
Figure 8. VCCON and VCCOFF Levels,
ver. B, C
TJ (°C)
TJ (°C)
100
80
60
40
20
0
−20
−40
3.7
3.8
3.9
4.1
4.2
4.4
4.6
4.7
100
80
60
40
20
0
−20
−40
7.3
7.5
7.7
8.1
8.3
8.7
8.9
9.3
120
4.0
4.3
4.5
VCCON
VCCOFF
VCCON
VCCOFF
120
7.9
8.5
9.1


Similar Part No. - NCP43080QDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4308 ONSEMI-NCP4308 Datasheet
385Kb / 29P
   Synchronous Rectifier Controller
September, 2015 ??Rev. P0
NCP4308ADR2G ONSEMI-NCP4308ADR2G Datasheet
385Kb / 29P
   Synchronous Rectifier Controller
September, 2015 ??Rev. P0
NCP4308AMTTWG ONSEMI-NCP4308AMTTWG Datasheet
385Kb / 29P
   Synchronous Rectifier Controller
September, 2015 ??Rev. P0
NCP4308DDR2G ONSEMI-NCP4308DDR2G Datasheet
385Kb / 29P
   Synchronous Rectifier Controller
September, 2015 ??Rev. P0
NCP4308DMNTWG ONSEMI-NCP4308DMNTWG Datasheet
385Kb / 29P
   Synchronous Rectifier Controller
September, 2015 ??Rev. P0
More results

Similar Description - NCP43080QDR2G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8 Datasheet
372Kb / 14P
   SYNCHRONOUS RECTIFIER CONTROLLER
logo
Eutech Microelectronics...
EUP9290 EUTECH-EUP9290 Datasheet
90Kb / 1P
   Synchronous Rectifier Controller
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8_15 Datasheet
372Kb / 14P
   SYNCHRONOUS RECTIFIER CONTROLLER
logo
Eutech Microelectronics...
EUP9291 EUTECH-EUP9291 Datasheet
90Kb / 1P
   Synchronous Rectifier Controller
logo
ON Semiconductor
NCP4308 ONSEMI-NCP4308 Datasheet
385Kb / 29P
   Synchronous Rectifier Controller
September, 2015 ??Rev. P0
logo
Texas Instruments
UCC24630 TI1-UCC24630 Datasheet
1Mb / 40P
[Old version datasheet]   Synchronous Rectifier Controller
logo
NXP Semiconductors
TEA1892ATS PHILIPS-TEA1892ATS Datasheet
138Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 April 2014
TEA1762T PHILIPS-TEA1762T Datasheet
81Kb / 15P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1792AT NXP-TEA1792AT Datasheet
330Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1999TK NXP-TEA1999TK Datasheet
255Kb / 21P
   GreenChip synchronous rectifier controller
Rev. 2-3 November 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com