Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE91A Datasheet(PDF) 6 Page - Comchip Technology

Part # 1.5KE91A
Description  1500W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1.5KE91A Datasheet(HTML) 6 Page - Comchip Technology

  1.5KE91A Datasheet HTML 1Page - Comchip Technology 1.5KE91A Datasheet HTML 2Page - Comchip Technology 1.5KE91A Datasheet HTML 3Page - Comchip Technology 1.5KE91A Datasheet HTML 4Page - Comchip Technology 1.5KE91A Datasheet HTML 5Page - Comchip Technology 1.5KE91A Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FIG. 11 - INSTANTANEOUS FORWARD
VOLTAGE CHARACTERISTIS CURVE
100
10
1
0.1
PULSE WIDTH=300US
1% DUTY CYCLE
TJ=25
UNIDIRECTIONAL (ONLY)
0
0.4
0.8
1.2
1.6
2.0
INSTANTANEOUS FORWARD CURRENT, AMPERES
FIG. 12 - BREAKDOWN VOLTAGE
TEMPERATURE COEFFICIENT CURVE
1,000
100
10
1
UNIDIRECTIONAL
BIDIRECTIONAL
5
10
20
50
100
200
500
V(BR), BREAKDOWN VOLTAGE, VOLTS
Rating and Characteristic Curves (1.5KE6.8 THRU 1.5KE440CA)
1500W Transient Voltage Suppressor
1500W Transient Voltage Suppressor
www.comchiptech.com
COMCHIP
COMCHIP
MDS0305001A
Page6


Similar Part No. - 1.5KE91A

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
1.5KE91A UNIOHM-1.5KE91A Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
DAESAN ELECTRONIC CORP.
1.5KE91A DAESAN-1.5KE91A Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
1.5KE91A TRSYS-1.5KE91A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE91A LUGUANG-1.5KE91A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Diotech Company.
1.5KE91A DIOTECH-1.5KE91A Datasheet
1Mb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE91A

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com