Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE110A Datasheet(PDF) 1 Page - Comchip Technology

Part # 1.5KE110A
Description  1500W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1.5KE110A Datasheet(HTML) 1 Page - Comchip Technology

  1.5KE110A Datasheet HTML 1Page - Comchip Technology 1.5KE110A Datasheet HTML 2Page - Comchip Technology 1.5KE110A Datasheet HTML 3Page - Comchip Technology 1.5KE110A Datasheet HTML 4Page - Comchip Technology 1.5KE110A Datasheet HTML 5Page - Comchip Technology 1.5KE110A Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Breakdown Voltage: 6.8 - 440 Volts
Power: 1500 Watt
1.5KE Series
Features
- P
Mechanical data
lastic package has underwriters laboratory
flammability classification 94V-0
- 1500W surge capability at 1ms
- Excellent clamping capability
- Low zener impedance
- Fast response time:typically less than 1.0 ps
from 0 Volts to Bv min
- Typical Ir less than 1µA above 10V
- High temperature oldering guaranteed:260°C/10s
/.375” (9.5mm) lead length/5lbs., (2.3kg) tension
- Case: molded plastic
- Terminals: Auaxial leads, solderable per MIL-
STD-202, method 208
- Polarity: color band denoted cathode except bipolar
- Weight: 1.2 GRAMS
1500W Transient Voltage Suppressor
www.comchiptech.com
COMCHIP
COMCHIP
Maximum Ratings and Electrical Characterics
MDS0305001A
Page 1
DO-201AE
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.335(8.5)
.042(1.07)
.037(0.94)
DIA.
.220(5.6)
.197(5.0)
DIA.
PEAK POWER DISSIPATION AT TA=25
, TP=1ms(NOTE1)
PPK
MINIMUM 1500
WATTS
STEADY STATE POWER DISSIPATION AT TL=75
LEAD LENGTHS .375
(9.5mm) (NOTE 2)
PD
5.0
WATTS
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
(JEDEC METHOD) (NOTE 3)
IFSM
200
Amps
OPERATING AND STORAGE TEMPERATURE RANGE
TJ,TSTG
- 55 TO + 175
NOTE
1. NON-REPETITIVE CURRENT PULSE, PER FIG.3 AND DERATED ABOVE TA=25
PER FIG 2.
2. MOUNTED ON COPPER LEAF AREA OF 0.79 IN
2 (20mm2)
3. 8.3ms SINGLE HALF SINE-WAVE, DUTY CYCLE=4 PULSES PER MINUTES MAXIMUM
4. FOR BIDIRECTIONAL USE C SUFFIX FOR 10
TOLERANCE, CA SUFFIX FOR 5
TOLERANCE
RATINGS
SYMBOL
VALUE
UNITS


Similar Part No. - 1.5KE110A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE110A TRSYS-1.5KE110A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE110A LUGUANG-1.5KE110A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
UNIOHM CORPORATION
1.5KE110A UNIOHM-1.5KE110A Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
SAMYANG ELECTRONICS CO....
1.5KE110A SAMYANG-1.5KE110A Datasheet
1Mb / 6P
   Transient Voltage Suppressor Diodes
logo
Microsemi Corporation
1.5KE110A MICROSEMI-1.5KE110A Datasheet
257Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
More results

Similar Description - 1.5KE110A

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com