Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24C256 Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS24C256
Description  262,144-bit 2-WIRE SERIAL CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C256 Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS24C256 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C256 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C256 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C256 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C256 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C256 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS24C256 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS24C256 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS24C256 Datasheet HTML 12Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
9
ADVANCEDINFORMATION
Rev. 00A
03/11/03
IS24C256
ISSI®
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VS
Supply Voltage
+0.5 to +6.25
V
VP
Voltage on Any Pin
–0.5 to Vcc +0.5
V
TBIAS
Temperature Under Bias
–40 to +85
°C
TSTG
Storage Temperature
–65 to +150
°C
IOUT
Output Current
5
mA
Notes:
1. Stresses violating the conditions listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only. Functional operation of the
device outside these conditions or those indicated in the operational sections of this
specification is not implied. Exposure to these conditions for extended periods may affect
reliability.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, Vcc = 5.0V.
OPERATING RANGE (IS24C256-3)
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
2.5V to 5.5V
Industrial
–40°C to +85°C
2.5V to 5.5V
OPERATING RANGE (IS24C256-2)
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
1.8V to 5.5V
Industrial
–40°C to +85°C
1.8V to 5.5V


Similar Part No. - IS24C256

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C256A ISSI-IS24C256A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C256A-2GI ISSI-IS24C256A-2GI Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C256A-2GLI ISSI-IS24C256A-2GLI Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C256A-2PI ISSI-IS24C256A-2PI Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C256A-2PLI ISSI-IS24C256A-2PLI Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C256

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C32C ISSI-IS24C32C Datasheet
187Kb / 20P
   32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
MTV24C08 ETC-MTV24C08 Datasheet
103Kb / 14P
   2-Wire 8912-Bit Serial CMOS EEPROM
logo
Integrated Silicon Solu...
24C128 ISSI-24C128 Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Seiko Instruments Inc
S24C01A SII-S24C01A Datasheet
278Kb / 23P
   CMOS 2-WIRE SERIAL EEPROM
logo
Integrated Silicon Solu...
IS24C64 ISSI-IS24C64 Datasheet
81Kb / 11P
   65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com