Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9725BSV Datasheet(PDF) 3 Page - Analog Devices

Part # AD9725BSV
Description  14-Bit, 600 MSPS D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9725BSV Datasheet(HTML) 3 Page - Analog Devices

  AD9725BSV Datasheet HTML 1Page - Analog Devices AD9725BSV Datasheet HTML 2Page - Analog Devices AD9725BSV Datasheet HTML 3Page - Analog Devices AD9725BSV Datasheet HTML 4Page - Analog Devices AD9725BSV Datasheet HTML 5Page - Analog Devices AD9725BSV Datasheet HTML 6Page - Analog Devices AD9725BSV Datasheet HTML 7Page - Analog Devices AD9725BSV Datasheet HTML 8Page - Analog Devices AD9725BSV Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Technical Data
AD9725
Rev. PrA | Page 3 of 16
SPECIFICATIONS
DC SPECIFICATIONS
Table 1. TMIN to TMAX, AVDD1, AVDD2, DBVDD = 3.3 V, ADVDD, ACVDD, CLKVDD, DVDD = 2.5 V, IOUTFS = 20 mA, unless
otherwise noted. Specifications subject to change without notice
Parameter
Min
Typ
Max
Unit
Resolution
14
Bits
DC Accuracy
Integral Nonlinearity
±1.5
LSB
Differential Nonlinearity
±0.75
LSB
Analog Output
Offset Error
–1
1
%FSR
Gain Error
%FSR
Full Scale Output Current
20
1.26
mA
Output Compliance Range
1.14
V
Output Resistance
TBD
1.25
kW
Output Capacitance
0.1
TBD
pF
Reference Output
Reference Voltage
1.2
V
Reference Output Current
100
nA
Reference Input
Reference Input Compliance Range
V
Reference Input Resistance
5
kW
Small Signal Bandwidth
0.5
MHz
Temperature Coefficients
Offset Drift
TBD
ppm of FSR/ºC
Gain Drift (With Internal Reference)
TBD
ppm of FSR/ºC
Reference Voltage Drift
TBD
ppm/ºC
Power Supply1
AVDD1, AVDD2
Voltage Range
3.3
V
Analog Supply Current (IAVDD1 + IAVDD2)
51
mA
ADVDD
Voltage Range
2.5
V
ACVDD
mA
Voltage Range
2.5
V
Analog Supply Current ( IADVDD + IACVDD)
9
mA
CLKVDD
Voltage Range
2.5
V
Clock Supply Current (ICLKVDD)
20
mA
DVDD
Voltage Range
2.5
V
Digital Supply Current (IDVDD)
69
mA
DBVDD
Voltage Range
3.3
V
Digital Supply Current (IDBVDD)
20
mA
Nominal Power Dissipation (PDIS)2
479
mW
Nominal Power Dissipation (PDIS)3
1000
mW
1Supply currents measured under the following conditions: fDAC = 200 MSPS, fOUT = 11 MHz, nominal power supply voltages
2Power dissipation measured under the following conditions: fDAC = 200 MSPS, fOUT = 11 MHz, nominal power supply voltages
3Power dissipation measured under the following conditions: fDAC = 600 MSPS, fOUT = 111 MHz, nominal power supply voltages


Similar Part No. - AD9725BSV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9725 AD-AD9725_15 Datasheet
273Kb / 16P
   14-Bit, 600 MSPS D/A Converter
Rev. PrA
More results

Similar Description - AD9725BSV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9725 AD-AD9725_15 Datasheet
273Kb / 16P
   14-Bit, 600 MSPS D/A Converter
Rev. PrA
AD9726 AD-AD9726 Datasheet
613Kb / 24P
   16-Bit, 600 MSPS D/A Converter
REV. A
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
   14-Bit, 80 MSPS, A/D Converter
logo
Intersil Corporation
HI5905 INTERSIL-HI5905 Datasheet
108Kb / 11P
   14-Bit, 5 MSPS A/D Converter
logo
Analog Devices
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com