Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43L3616V-7 Datasheet(PDF) 7 Page - AMIC Technology

Part # A43L3616V-7
Description  2M X 16 Bit X 4 Banks Synchronous DRAM
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L3616V-7 Datasheet(HTML) 7 Page - AMIC Technology

Back Button A43L3616V-7 Datasheet HTML 3Page - AMIC Technology A43L3616V-7 Datasheet HTML 4Page - AMIC Technology A43L3616V-7 Datasheet HTML 5Page - AMIC Technology A43L3616V-7 Datasheet HTML 6Page - AMIC Technology A43L3616V-7 Datasheet HTML 7Page - AMIC Technology A43L3616V-7 Datasheet HTML 8Page - AMIC Technology A43L3616V-7 Datasheet HTML 9Page - AMIC Technology A43L3616V-7 Datasheet HTML 10Page - AMIC Technology A43L3616V-7 Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
A43L3616
(February, 2002, Version 3.0)
7
AMIC Technology, Inc.
AC Characteristics (continued)
(AC operating conditions unless otherwise noted)
-6
-7
Symbol
Parameter
CAS Latency
Min
Max
Min
Max
Unit
Note
tCL
CLK low pulse width
2
-
2.5
-
ns
3
tSS
Input setup time
2
-
2
-
ns
3
tSH
Input hold time
1.8
-
1.8
-
ns
3
tSLZ
CLK to output in Low-Z
1
-
1
-
ns
2
tSHZ
CLK to output In Hi-Z
3
-
5.5
-
6
ns
*All AC parameters are measured from half to half.
Note : 1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e.,
[(tr + tf)/2-1]ns should be added to the parameter.


Similar Part No. - A43L3616V-7

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L3616V-75I AMICC-A43L3616V-75I Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
More results

Similar Description - A43L3616V-7

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_06 Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS7616A4A A-DATA-ADS7616A4A Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_09 Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A ESMT-M52S128168A_08 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A_1 Datasheet
366Kb / 22P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A ESMT-M52D128168A_1 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS7616A4A A-DATA-VDS7616A4A Datasheet
576Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
AMIC Technology
A43L3616A AMICC-A43L3616A Datasheet
635Kb / 41P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S128168A ESMT-M12S128168A Datasheet
960Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com