Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC910-BGC-WP Datasheet(PDF) 2 Page - Cymbet Corporation

Part # CBC910-BGC-WP
Description  Charge Pump and Battery Management ASIC Bare Die
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC910-BGC-WP Datasheet(HTML) 2 Page - Cymbet Corporation

  CBC910-BGC-WP Datasheet HTML 1Page - Cymbet Corporation CBC910-BGC-WP Datasheet HTML 2Page - Cymbet Corporation CBC910-BGC-WP Datasheet HTML 3Page - Cymbet Corporation CBC910-BGC-WP Datasheet HTML 4Page - Cymbet Corporation CBC910-BGC-WP Datasheet HTML 5Page - Cymbet Corporation CBC910-BGC-WP Datasheet HTML 6Page - Cymbet Corporation CBC910-BGC-WP Datasheet HTML 7Page - Cymbet Corporation CBC910-BGC-WP Datasheet HTML 8Page - Cymbet Corporation CBC910-BGC-WP Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CBC910
©2012-2014 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-11 Rev A
Page 2 of 14
Functional Block Diagram
Figure 2: CBC910 Internal Block Diagram
The CBC910 internal schematic is shown in Figure 2. The input voltage from the power supply (VDD) is applied
to the charge pump, the control logic, and is compared to the user-set threshold as determined by the voltage
on VMODE. VMODE is an analog input ranging from 0V to VDD. The ENABLE pin is a digital input that turns off the
charge pump when low. VOUT is either supplied from VDD or the integrated battery. RESET is a digital output that,
when low, indicates VOUT is being sourced by a backup battery.
CFLY is the flying capacitor in the voltage doubler circuit. The value of CFLY can be changed if the output
impedance of the CBC910 needs to be modified. The output impedance is dictated by 1/fC, where f is the
frequency of oscillation (typically 100kHz) and C is the capacitor value (typically 0.1µF). GND is system ground.
VCHG
GND
Electrical Properties
Battery Backup Output voltage:
3.3 V
Physical Properties
Die size:
0.96 mm x 1.36 mm (to center of scribe on wafer)
Operating temperature: -40°C to +85°C
Storage temperature:
-40°C to +125°C


Similar Part No. - CBC910-BGC-WP

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC910-BDC-WP CYMBET-CBC910-BDC-WP Datasheet
685Kb / 14P
   Charge Pump and Battery Management ASIC
CBC910-BUC-WP CYMBET-CBC910-BUC-WP Datasheet
685Kb / 14P
   Charge Pump and Battery Management ASIC
More results

Similar Description - CBC910-BGC-WP

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC910 CYMBET-CBC910 Datasheet
685Kb / 14P
   Charge Pump and Battery Management ASIC
logo
National Semiconductor ...
LP3918 NSC-LP3918 Datasheet
1Mb / 30P
   Battery Charge Management and Regulator Unit
logo
Texas Instruments
LP3918 TI1-LP3918 Datasheet
909Kb / 39P
[Old version datasheet]   Battery Charge Management and Regulator Unit
logo
National Semiconductor ...
LP3945 NSC-LP3945 Datasheet
337Kb / 15P
   Battery Charge Management System
logo
Shenzhen Huazhimei Semi...
HM5065 HMSEMI-HM5065 Datasheet
1Mb / 13P
   battery charge management chip
HM4205 HMSEMI-HM4205 Datasheet
637Kb / 9P
   Solar lithium battery charge and discharge management chip
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
TC9016 FUMAN-TC9016 Datasheet
322Kb / 5P
   Charge and Charge Management IC
LTH7S FUMAN-LTH7S Datasheet
333Kb / 5P
   Charge and Charge Management IC
logo
Texas Instruments
BQ25120 TI1-BQ25120_16 Datasheet
2Mb / 68P
[Old version datasheet]   Highly Integrated Battery Charge Management Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com