Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1224IPWR Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1224IPWR
Description  24-Bit Analog-to-Digital Converter with 4-Channel Differential Input Multiplexer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1224IPWR Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS1224IPWR Datasheet HTML 2Page - Burr-Brown (TI) ADS1224IPWR Datasheet HTML 3Page - Burr-Brown (TI) ADS1224IPWR Datasheet HTML 4Page - Burr-Brown (TI) ADS1224IPWR Datasheet HTML 5Page - Burr-Brown (TI) ADS1224IPWR Datasheet HTML 6Page - Burr-Brown (TI) ADS1224IPWR Datasheet HTML 7Page - Burr-Brown (TI) ADS1224IPWR Datasheet HTML 8Page - Burr-Brown (TI) ADS1224IPWR Datasheet HTML 9Page - Burr-Brown (TI) ADS1224IPWR Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ADS1224
SBAS286A − JUNE 2003 − REVISED MARCH 2004
www.ti.com
6
TYPICAL CHARACTERISTICS
At TA = −40°C to +85°C, AVDD = +5V, DVDD = +5V, fCLK = 2MHz, and VREF = +2.5V, unless otherwise noted.
Figure 1
ANALOG CURRENT vs TEMPERATURE
Temperature (
_C)
350
325
300
275
250
225
200
5
−25
35
65
95
125
−55
f
CLK =4MHz, AVDD = 5V
f
CLK =2MHz, AVDD =3V
fCLK =4MHz, AVDD =3V
f
CLK =2MHz, AVDD = 5V
Buffer Off
Figure 2
ANALOG CURRENT vs TEMPERATURE
Temperature (
_C)
5
−25
35
65
95
125
−55
500
450
400
350
300
f
CLK = 4MHz, AVDD = 5V
f
CLK =2MHz, AVDD =3V
f
CLK =4MHz, AVDD =3V
f
CLK =2MHz, AVDD =5V
Buffer On
Figure 3
DIGITAL CURRENT vs TEMPERATURE
Temperature (
_C)
5
−25
35
65
95
125
−55
50
40
30
20
10
0
f
CLK =4MHz, AVDD =5V
f
CLK =2MHz, AVDD =3V
f
CLK =4MHz, AVDD =3V
f
CLK =2MHz, AVDD =5V
Figure 4
ANALOG CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
3.5
3.0
4.0
4.5
5.0
5.5
2.5
450
400
350
300
250
200
Buffer Off
Buffer On
f
CLK =2MHz
Figure 5
DIGITAL CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
3.5
3.0
4.0
4.5
5.0
5.5
2.5
50
40
30
20
10
0
f
CLK =2MHz
f
CLK =4MHz
Figure 6
TEMPERATURE SENSOR VOLTAGE vs TEMPERATURE
Temperature (
_C)
5
−25
35
65
95
125
−55
150
140
130
120
110
100
90
80
70


Similar Part No. - ADS1224IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1224IPWR TI1-ADS1224IPWR Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 4-Channel Differential in put Multiplexxer
ADS1224IPWRG4 TI1-ADS1224IPWRG4 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 4-Channel Differential in put Multiplexxer
More results

Similar Description - ADS1224IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1222 BURR-BROWN-ADS1222 Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
logo
Texas Instruments
ADS1222 TI1-ADS1222_14 Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
ADS1224 TI1-ADS1224_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 4-Channel Differential in put Multiplexxer
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com