Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24V01A Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # FM24V01A
Description  128-Kbit (16K 횞 8) Serial (I2C) F-RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24V01A Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button FM24V01A Datasheet HTML 3Page - Cypress Semiconductor FM24V01A Datasheet HTML 4Page - Cypress Semiconductor FM24V01A Datasheet HTML 5Page - Cypress Semiconductor FM24V01A Datasheet HTML 6Page - Cypress Semiconductor FM24V01A Datasheet HTML 7Page - Cypress Semiconductor FM24V01A Datasheet HTML 8Page - Cypress Semiconductor FM24V01A Datasheet HTML 9Page - Cypress Semiconductor FM24V01A Datasheet HTML 10Page - Cypress Semiconductor FM24V01A Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
FM24V01A
Document Number: 001-90869 Rev. *H
Page 7 of 19
Internally, an actual memory write occurs after the 8th data bit is
transferred. It will be complete before the acknowledge is sent.
Therefore, if the user desires to abort a write without altering the
memory contents, this should be done using START or STOP
condition prior to the 8th data bit. The FM24V01A uses no page
buffering.
The memory array can be write-protected using the WP pin.
Setting the WP pin to a HIGH condition (VDD) will write-protect
all addresses. The FM24V01A will not acknowledge data bytes
that are written to protected addresses. In addition, the address
counter will not increment if writes are attempted to these
addresses. Setting WP to a LOW state (VSS) will disable the write
protect. WP is pulled down internally.
Figure 8 and Figure 9 illustrate a single-byte and multiple-byte
write cycles in Fast-mode Plus (Fm+). Figure 10 illustrates a
single-byte write cycles in Hs mode
Read Operation
There are two basic types of read operations. They are current
address read and selective address read. In a current address
read, the FM24V01A uses the internal address latch to supply
the address. In a selective read, the user performs a procedure
to set the address to a specific value.
Current Address & Sequential Read
As mentioned in the previous paragraph, the FM24V01A uses an
internal latch to supply the address for a read operation. A
current address read uses the existing value in the address latch
as a starting place for the read operation. The system reads from
the address immediately following that of the last operation.
To perform a current address read, the bus master supplies a
slave address with the LSB set to a '1'. This indicates that a read
operation is requested. After receiving the complete slave
address, the FM24V01A will begin shifting out data from the
current address on the next clock. The current address is the
value held in the internal address latch.
Beginning with the current address, the bus master can read any
number of bytes. Thus, a sequential read is simply a current
address read with multiple byte transfers. After each byte the
internal address counter will be incremented.
Note Each time the bus master acknowledges a byte, this
indicates that the FM24V01A should read out the next sequential
byte.
Figure 8. Single-Byte Write
S
A
Slave Address
0
Address MSB
A
Data Byte
A
P
By Master
By F-RAM
Start
Address & Data
Stop
Acknowledge
Address LSB
A
Figure 9. Multi-Byte Write
Figure 10. Hs-Mode Byte Write
S
A
Slave Address
0
Address MSB
A
Data Byte
A
P
By Master
By F-RAM
Start
Address & Data
Stop
Acknowledge
Address LSB
A
Data Byte
A
S
A
Slave Address 0
Data Byte
A P
By Master
By F-RAM
Start &
Enter Hs-mode
Address & Data
Stop &
Exit Hs-mode
S
1
Start
Acknowledge
X
X
X
1
0
0
0
0
Hs-mode command
Address MSB
A
Address LSB
A
No
Acknowledge


Similar Part No. - FM24V01A

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24V01 RAMTRON-FM24V01 Datasheet
317Kb / 14P
   128Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V01-G CYPRESS-FM24V01-G Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V01-G CYPRESS-FM24V01-G Datasheet
389Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM24V01-GTR CYPRESS-FM24V01-GTR Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
More results

Similar Description - FM24V01A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY15B128J CYPRESS-CY15B128J Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Automotive Serial (I2C) F-RAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
FM24V02A CYPRESS-FM24V02A Datasheet
1Mb / 19P
   256-Kbit (32K 횞 8) Serial (I2C) F-RAM
CY15B064J CYPRESS-CY15B064J Datasheet
369Kb / 18P
   64-Kbit (8K 횞 8) Serial (I2C) Automotive F-RAM
CY15B256J CYPRESS-CY15B256J Datasheet
1Mb / 21P
   256-Kbit (32K 횞 8) Automotive Serial (I2C) F-RAM
FM25V02A CYPRESS-FM25V02A Datasheet
819Kb / 23P
   256-Kbit (32K 횞 8) Serial (SPI) F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com