Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24V02A Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # FM24V02A
Description  256-Kbit (32K 횞 8) Serial (I2C) F-RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24V02A Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button FM24V02A Datasheet HTML 5Page - Cypress Semiconductor FM24V02A Datasheet HTML 6Page - Cypress Semiconductor FM24V02A Datasheet HTML 7Page - Cypress Semiconductor FM24V02A Datasheet HTML 8Page - Cypress Semiconductor FM24V02A Datasheet HTML 9Page - Cypress Semiconductor FM24V02A Datasheet HTML 10Page - Cypress Semiconductor FM24V02A Datasheet HTML 11Page - Cypress Semiconductor FM24V02A Datasheet HTML 12Page - Cypress Semiconductor FM24V02A Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
FM24V02A
Document Number: 001-90839 Rev. *G
Page 9 of 19
Selective (Random) Read
There is a simple technique that allows a user to select a random
address location as the starting point for a read operation. This
involves using the first three bytes of a write operation to set the
internal address followed by subsequent read operations.
To perform a selective read, the bus master sends out the slave
address with the LSB (R/W) set to 0.
This specifies a write operation. According to the write protocol,
the bus master then sends the address bytes that are loaded into
the internal address latch. After the FM24V02A acknowledges
the address, the bus master issues a START condition. This
simultaneously aborts the write operation and allows the read
command to be issued with the slave address LSB set to a '1'.
The operation is now a current address read.
Sleep Mode
A low power mode called Sleep Mode is implemented on the
FM24V02A device. The device will enter this low power state
when the Sleep command 86h is clocked-in. Sleep Mode entry
can be entered as follows:
1. The master sends a START command.
2. The master sends Reserved Slave ID 0xF8.
3. The FM24V02A sends an ACK.
4. The master sends the I2C-bus slave address of the slave
device it needs to identify. The last bit is a 'Don't care' value
(R/W bit). Only one device must acknowledge this byte (the
one that has the I2C-bus slave address).
5. The FM24V02A sends an ACK.
6. The master sends a Re-START command.
7. The master sends Reserved Slave ID 0x86.
8. The FM24V02A sends an ACK.
9. The master sends STOP to ensure the device enters sleep
mode.
Once in sleep mode, the device draws IZZ current, but the device
continues to monitor the I2C pins. Once the master sends a
Slave Address that the FM24V02A identifies, it will "wakeup" and
be ready for normal operation within tREC (400-s max.). As an
alternative method of determining when the device is ready, the
master can send read or write commands and look for an ACK.
While the device is waking up, it will NACK the master until it is
ready.
Figure 13. Hs-Mode Current Address Read
S
A
Slave Address 1
Data Byte
1 P
By Master
By F-RAM
Start &
Enter Hs-mode Address
Stop &
Exit Hs-mode
No
Acknowledge
Data
S
1
Start
Acknowledge
X
X
X
1
0
0
0
0
Hs-mode command
No
Acknowledge
Figure 14. Selective (Random) Read
S
A
Slave Address
1
Data Byte
1 P
By Master
By F-RAM
Start
Address
Stop
No
Acknowledge
Data
S
A
Slave Address
0
Address MSB
A
Start
Address
Acknowledge
Address LSB
A
Figure 15. Sleep Mode Entry
S
A
P
By Master
By F-RAM
Start
Address
Stop
S
A
Rsvd Slave ID (F8)
Slave Address
A
Start
Address
Acknowledge
Rsvd Slave ID (86)
X


Similar Part No. - FM24V02A

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V02-G RAMTRON-FM24V02-G Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02-G RAMTRON-FM24V02-G Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
More results

Similar Description - FM24V02A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY15B256J CYPRESS-CY15B256J Datasheet
1Mb / 21P
   256-Kbit (32K 횞 8) Automotive Serial (I2C) F-RAM
FM25V02A CYPRESS-FM25V02A Datasheet
819Kb / 23P
   256-Kbit (32K 횞 8) Serial (SPI) F-RAM
CY15B256Q CYPRESS-CY15B256Q Datasheet
778Kb / 22P
   256-Kbit (32K 횞 8) Automotive Serial (SPI) F-RAM
FM24V01A CYPRESS-FM24V01A Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Serial (I2C) F-RAM
CY15B128J CYPRESS-CY15B128J Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Automotive Serial (I2C) F-RAM
CY15B064J CYPRESS-CY15B064J Datasheet
369Kb / 18P
   64-Kbit (8K 횞 8) Serial (I2C) Automotive F-RAM
CY14V256LA CYPRESS-CY14V256LA Datasheet
491Kb / 22P
   256-Kbit (32K 횞 8) nvSRAM
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com