Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25V02A Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # FM25V02A
Description  256-Kbit (32K 횞 8) Serial (SPI) F-RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V02A Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button FM25V02A Datasheet HTML 4Page - Cypress Semiconductor FM25V02A Datasheet HTML 5Page - Cypress Semiconductor FM25V02A Datasheet HTML 6Page - Cypress Semiconductor FM25V02A Datasheet HTML 7Page - Cypress Semiconductor FM25V02A Datasheet HTML 8Page - Cypress Semiconductor FM25V02A Datasheet HTML 9Page - Cypress Semiconductor FM25V02A Datasheet HTML 10Page - Cypress Semiconductor FM25V02A Datasheet HTML 11Page - Cypress Semiconductor FM25V02A Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
FM25V02A
Document Number: 001-90865 Rev. *F
Page 8 of 23
Memory Operation
The SPI interface, which is capable of a high clock frequency,
highlights the fast write capability of the F-RAM technology.
Unlike serial flash and EEPROMs, the FM25V02A can perform
sequential writes at bus speed. No page register is needed and
any number of sequential writes may be performed.
Write Operation
All writes to the memory begin with a WREN opcode with CS
being asserted and deasserted. The next opcode is WRITE. The
WRITE opcode is followed by a two-byte address containing the
15-bit address (A14-A0) of the first data byte to be written into
the memory. The upper bit of the two-byte address is ignored.
Subsequent bytes are data bytes, which are written sequentially.
Addresses are incremented internally as long as the bus master
continues to issue clocks and keeps CS LOW. If the last address
of 7FFFh is reached, the counter will roll over to 0000h. Data is
written MSB first. The rising edge of CS terminates a write
operation. A write operation is shown in Figure 11.
Note When a burst write reaches a protected block address, the
automatic address increment stops and all the subsequent data
bytes received for write will be ignored by the device.
EEPROMs use page buffers to increase their write throughput.
This compensates for the technology's inherently slow write
operations. F-RAM memories do not have page buffers because
each byte is written to the F-RAM array immediately after it is
clocked in (after the eighth clock). This allows any number of
bytes to be written without page buffer delays.
Note If the power is lost in the middle of the write operation, only
the last completed byte will be written.
Read Operation
After the falling edge of CS, the bus master can issue a READ
opcode. Following the READ command is a two-byte address
containing the 15-bit address (A14-A0) of the first byte of the
read operation. The upper bit of the address is ignored. After the
opcode and address are issued, the device drives out the read
data on the next eight clocks. The SI input is ignored during read
data bytes. Subsequent bytes are data bytes, which are read out
sequentially. Addresses are incremented internally as long as
the bus master continues to issue clocks and CS is LOW. If the
last address of 7FFFh is reached, the counter will roll over to
0000h. Data is read MSB first. The rising edge of CS terminates
a read operation and tristates the SO pin. A read operation is
shown in Figure 12.
Fast Read Operation
The FM25V02A supports a FAST READ opcode (0Bh) that is
provided for code compatibility with serial flash devices. The
FAST READ opcode is followed by a two-byte address
containing the 15-bit address (A14-A0) of the first byte of the
read operation and then a dummy byte. The dummy byte inserts
a read latency of an 8-clock cycle. The fast read operation is
otherwise the same as an ordinary read operation except that it
Figure 9. RDSR Bus Configuration
Figure 10. WRSR Bus Configuration (WREN not shown)
CS
SCK
SO
01234567
SI
00
0
0
0
1
0
0
1
HI-Z
0
12345
6
7
LSB
D0
D1
D2
D3
D4
D5
D6
MSB
D7
Opcode
Data
CS
SCK
SO
0
1
2
3
4567
SI
00
00
0
0
0
1
MSB
LSB
D2
D3
D7
HI-Z
0
12345
67
Opcode
Data
X
X
X
X
X


Similar Part No. - FM25V02A

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02-DG RAMTRON-FM25V02-DG Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02-DG CYPRESS-FM25V02-DG Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02-DG CYPRESS-FM25V02-DG Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25V02A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY15B256Q CYPRESS-CY15B256Q Datasheet
778Kb / 22P
   256-Kbit (32K 횞 8) Automotive Serial (SPI) F-RAM
FM24V02A CYPRESS-FM24V02A Datasheet
1Mb / 19P
   256-Kbit (32K 횞 8) Serial (I2C) F-RAM
CY15B256J CYPRESS-CY15B256J Datasheet
1Mb / 21P
   256-Kbit (32K 횞 8) Automotive Serial (I2C) F-RAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY15E064Q CYPRESS-CY15E064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com