Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2576ZJCN220 Datasheet(PDF) 3 Page - Champion Microelectronic Corp.

Part # CM2576ZJCN220
Description  3A STEP DOWN VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM2576ZJCN220 Datasheet(HTML) 3 Page - Champion Microelectronic Corp.

  CM2576ZJCN220 Datasheet HTML 1Page - Champion Microelectronic Corp. CM2576ZJCN220 Datasheet HTML 2Page - Champion Microelectronic Corp. CM2576ZJCN220 Datasheet HTML 3Page - Champion Microelectronic Corp. CM2576ZJCN220 Datasheet HTML 4Page - Champion Microelectronic Corp. CM2576ZJCN220 Datasheet HTML 5Page - Champion Microelectronic Corp. CM2576ZJCN220 Datasheet HTML 6Page - Champion Microelectronic Corp. CM2576ZJCN220 Datasheet HTML 7Page - Champion Microelectronic Corp. CM2576ZJCN220 Datasheet HTML 8Page - Champion Microelectronic Corp. CM2576ZJCN220 Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CM2576
3A STEP DOWN VOLTAGE REGULATOR
2003/08/07
Preliminary Rev. 1.1
Champion Microelectronic Corporation
Page 3
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IOUT = 0mA, and TJ = +25℃; unless otherwise noted
CM2576
Parameter
Device
Test Conditions
Min.
Typ.
Max.
Unit
CM2576S
3.234
3.300
3.366
V
Output Voltage
(Note 1)
CM2576ZJ
Test circuit of Figure 1
4.900
5.000
5.100
V
CM2576S
6V<=VIN <=40V
3.168
3.300
3.432
V
Output Voltage
(Note 1)
CM2576ZJ
8V<=VIN <=40V
0.5A<=ILOAD <=3A
4.800
5.000
5.200
V
CM2576S
6V<=VIN <=40V
3.135
3.300
3.482
V
Output Voltage
(Note 1)
CM2576ZJ
8V<=VIN <=40V
0.5A<=ILOAD <=3A,
-40℃<=TJ<=125℃
Test circuit of Figure 1
4.750
5.000
5.250
V
Feedback Voltage
(Note 1)
CM2576 (Adj)
Test circuit of Figure 2
VOUT =5V
1.217
1.230
1.243
V
Feedback Voltage
(Note 1)
CM2576 (Adj)
8V<=VIN <=40V, VOUT =5V
Test circuit of Figure 2
0.5A<=ILOAD <=3A
1.193
1.230
1.267
V
Feedback Voltage
(Note 1)
CM2576 (Adj)
8V<=VIN <=40V, VOUT =5V
Test circuit of Figure 2
0.5A<=ILOAD <=3A,
-40℃<=TJ<=125℃
1.180
1.230
1.286
V
CM2576S
75
CM2576ZJ
ILOAD =3A
77
%
Efficiency
CM2576(adj)
ILOAD =3A, VOUT =5V
77
%
TJ=25℃
47
52
58
Oscillator Frequency
Note 2
-40℃<=TJ<=125℃
42
52
63
kHz
Quiescent Current
Note 3
5
10
mA
Standby Current
ENABLE = 5V
70
200
µA
TJ=25℃
1.4
1.8
Saturation Voltage
ILOAD =3A (Note 4)
-40℃<=TJ<=125℃
2.0
V
TJ=25℃
50
100
Feedback Bias Current
VOUT =5V
(Adj. Version only)
-40℃<=TJ<=125℃
500
nA
Duty Cycle (ON)
Note 5
93
98
%
TJ=25℃
4.2
7
8.8
Current Limit
Note 2,4
-40℃<=TJ<=125℃
3.5
7.2
9.0
A
VOUT =0V
0.3
2
Output Leakage Current
Note 3
VOUT =-1V
9
20
mA
TJ=25℃
2.2
1.4
VIH (VOUT =0V)
-40℃<=TJ<=125℃
2.4
V
TJ=25℃
1.2
1.0
ENABLE Threshold Voltage
VIL (VOUT = Normal Output
Voltage)
-40℃<=TJ<=125℃
0.8
V
IIH (ENABLE = 5V)
12
30
ENABLE Input Current
IIH (ENABLE = 0V)
0
10
µA


Similar Part No. - CM2576ZJCN220

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM25 CML-CM25 Datasheet
227Kb / 1P
   G-3 1/2 Miniature 2 Pin Base
logo
Bourns Electronic Solut...
CM25 BOURNS-CM25 Datasheet
419Kb / 7P
   SMT Chip Inductors
CM25 BOURNS-CM25 Datasheet
449Kb / 9P
   SMT Chip Inductors
logo
Visual Communications C...
CM25 VCC-CM25 Datasheet
32Kb / 1P
   Base
logo
Chicago Miniature Lamp,...
CM250 CML-CM250 Datasheet
222Kb / 1P
   B-6 Double Contact Bayonet Base
More results

Similar Description - CM2576ZJCN220

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
ADDtek Corp
AMC2576 ADDTEK-AMC2576 Datasheet
176Kb / 14P
   3A STEP DOWN VOLTAGE REGULATOR
DECEMBER 2006
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com