Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24014DRCT Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ24014DRCT
Description  SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24014DRCT Datasheet(HTML) 2 Page - Texas Instruments

  BQ24014DRCT Datasheet HTML 1Page - Texas Instruments BQ24014DRCT Datasheet HTML 2Page - Texas Instruments BQ24014DRCT Datasheet HTML 3Page - Texas Instruments BQ24014DRCT Datasheet HTML 4Page - Texas Instruments BQ24014DRCT Datasheet HTML 5Page - Texas Instruments BQ24014DRCT Datasheet HTML 6Page - Texas Instruments BQ24014DRCT Datasheet HTML 7Page - Texas Instruments BQ24014DRCT Datasheet HTML 8Page - Texas Instruments BQ24014DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
bq24010,bq24012, bq24013, bq24014
SLUS530F − SEPTEMBER 2002 − REVISED AUGUST 2005
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
CHARGE
REGULATION
VOLTAGE (V)(1)
OPTIONAL
FUNCTIONS(1)
PART NUMBER(2)
MARKINGS
4.2
PG and TS
bq24010DRCR
AZN
4.2
PG and CE
bq24012DRCR
AZP
−40
°C to 125°C
4.2
CE and TTE
bq24013DRCR
AZQ
−40 C to 125 C
4.2
CE and TS
bq24014DRCR
AZR
4.2
CE and TS
bq24014DRCT
AZR
(1) Contact Texas Instruments for other options.
(2) The DRC package is available only taped and reeled. Quantities are 3,000 devices per reel (e.g. bq24010DRCR) and 250 devices per mini-reel
(e.g. bq24014DRCT).
DISSIPATION RATINGS
PACKAGE
θJA
TA <40°C
POWER RATING
DERATING FACTOR
ABOVE TA =40°C
DRC(1)
47
°C/W
1.5 W
0.021 W/
°C
(1) This data is based on using the JEDEC High-K board and the exposed die pad is connected to a copper pad on the board. This is connected to the
ground plane by a 2x3 via matrix.
ABSOLUTE MAXIMUM RATINGS(1)
UNIT
Supply voltage range, (VCC all with respect to VSS)
−0.3 to 18
V
Input voltage range(2)
IN, STAT1, STAT2, TS, PG, CE, TTE
−0.3 to VCC
V
Input voltage range(2)
BAT, OUT, ISET
−0.3 to 7
VDC
Voltage difference between VCC and IN inputs
VCC − VIN
± 0.5
V
Output sink/source current
STAT1, STAT2, PG
15
mA
Output current
IN, OUT
1.5
A
Operating free−air temperature range, TA
−40 to 125
Junction temperature range, TJ
−40 to 125
°C
Storage temperature, Tstg
−65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltages are DC and with respect to VSS.
RECOMMENDED OPERATING CONDITIONS(1)
MIN
NOM
MAX
UNIT
Supply voltage(1), VCC
3.0
16.5
V
Input voltage(1), VIN
3.0
16.5
V
Operating junction temperature range, TJ
−40
125
°C
(1) Pins VCC and IN must be tied together.


Similar Part No. - BQ24014DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24014DRCT TI-BQ24014DRCT Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
More results

Similar Description - BQ24014DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24010 TI-BQ24010_07 Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24004 TI1-BQ24004_12 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com